Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGC4407-SM Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGC4407-SM
Description  Ka-Band Up-Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4407-SM Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGC4407-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 9Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 10Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 11Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 12Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 13Page - TriQuint Semiconductor TGC4407-SM Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TGC4407-SM
Ka-Band Up-Converter
Preliminary Data Sheet: RevA 3/30/12
- 10 of 16 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Application Circuit
Bias-up Procedure
Bias-down Procedure
Set Vd to desired voltage within specified limits
Turn off RF supply
Apply RF signals to LO and RF Inputs
Reduce Vd to 0 V
The TGC4407-SM will be marked with the “4407” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the year the part was manufactured, the “WW” is the work week, and the “XXXX” is an auto-
generated number.
Vd
LO Input
RF Output
IF Input
4407
YYWW
XXXX


Similar Part No. - TGC4407-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4407-SM TRIQUINT-TGC4407-SM Datasheet
570Kb / 16P
   Ka-Band Up-Converter
TGC4407-SM TRIQUINT-TGC4407-SM_15 Datasheet
570Kb / 16P
   Ka-Band Up-Converter
More results

Similar Description - TGC4407-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4407-SM TRIQUINT-TGC4407-SM_15 Datasheet
570Kb / 16P
   Ka-Band Up-Converter
logo
List of Unclassifed Man...
UC-2930-3358 ETC2-UC-2930-3358 Datasheet
96Kb / 1P
   2 W Ka-Band Block Up-converter
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
logo
Toshiba Semiconductor
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
   1.9GHz BAND UP CONVERTER APPLICATION
logo
API Technologies Corp
CMWD203 APITECH-CMWD203 Datasheet
109Kb / 1P
   Ka Band Diplexer
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com