Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6622B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # EN6622B
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6622B Datasheet(HTML) 6 Page - Sanyo Semicon Device

  EN6622B Datasheet HTML 1Page - Sanyo Semicon Device EN6622B Datasheet HTML 2Page - Sanyo Semicon Device EN6622B Datasheet HTML 3Page - Sanyo Semicon Device EN6622B Datasheet HTML 4Page - Sanyo Semicon Device EN6622B Datasheet HTML 5Page - Sanyo Semicon Device EN6622B Datasheet HTML 6Page - Sanyo Semicon Device EN6622B Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5LP01SS
No.6622-6/7
Outline Drawing
Land Pattern Example
5LP01SS-TL-E, 5LP01SS-TL-H
Mass (g) Unit
0.0018
* For reference mm
Unit: mm
0.5
0.45
0.45
0.45 0.45


Similar Part No. - EN6622B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6611B ONSEMI-EN6611B Datasheet
562Kb / 8P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
EN6619B SANYO-EN6619B Datasheet
445Kb / 7P
   General-Purpose Switching Device Applications
EN6631A SANYO-EN6631A Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
   20W 2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
EN6645C SANYO-EN6645C Datasheet
437Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - EN6622B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com