Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SD10U45SL Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. SD10U45SL
Description  10A/45V Ultra Low VF Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo 

SD10U45SL Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VF
Forward Voltage (note 1)
IF = 2A
0.31
0.35
V
IF = 8A
0.37
0.38
V
IF = 10A
0.39
0.41
V
IF = 2A, @100℃
0.23
0.26
V
IF = 10A, @100℃
0.36
0.38
V
VBR
Reverse Breakdown Voltage
IR = 0.5mA
45
V
IR
Reverse Leakage Current
VR = 45V
0.3
mA
VR = 45V, @100℃
20
mA
Rth(JA)
Thermal Resistance (note 2)
31
℃/W
Note 1: Pulse test width PW=300usec, 1% duty cycle
Note 2: Polymide PCB, 2oz. copper. Cathode pad dimensions 18.8x14.4mm. Anode pad dimensions 5.6x14.4mm
ELECTRICAL CHARACTERISTICS CURVE
http://www.luguang.cn
Email:lge@luguang.cn
SD10U45SL


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn