Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5LN01SP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 5LN01SP
Description  Ultrahigh-Speed Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LN01SP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  5LN01SP_12 Datasheet HTML 1Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 2Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 3Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 4Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 5Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 6Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 7Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 8Page - Sanyo Semicon Device 5LN01SP_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5LN01SP
No.6559-3/10
0
0
0.02
0.01
0.04
0.03
0.06
0.05
0.08
0.07
0.2
0.10
0.09
0.4
0.6
0.8
1.0
Drain-to-Source Voltage, VDS -- V
ID -- VDS
3.5V
2.0V
2.5V
4.0V
0
0.5
1.0
1.5
2.0
3.0
2.5
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Gate-to-Source Voltage, VGS -- V
ID -- VGS
VDS=10V
01
2
6
7
8
9
10
11
12
34
5
6
2
3
4
5
78
9
10
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ta=25
°C
Drain Current, ID -- A
RDS(on) -- ID
IT00054
IT00055
IT00056
IT00057
VGS=1.5V
ID=30mA
50mA
1.0
0.01
0.1
23
5
7
23
10
7
5
3
2
100
7
5
3
2
--25
°C
25
°C
Ta=75
°C
VGS=4V
1.0
0.001
0.01
23
5
7
2
3
10
7
5
3
2
100
7
5
3
2
--25
°C
Ta=75
°C
25
°C
1.0
0.01
0.1
23
5
7
23
10
7
5
3
2
100
7
5
3
2
--25
°C
Ta=75
°C
25
°C
--60
0
2
4
6
8
10
12
14
--40
--20
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
I D
=30mA,
V GS
=2.5V
I D
=50mA,
V GS
=4.0V
Drain Current, ID -- A
IT00060
IT00061
Drain Current, ID -- A
RDS(on) -- ID
VGS=2.5V
Drain Current, ID -- A
RDS(on) -- ID
VGS=1.5V
IT00058
IT00059
0.01
0.01
0.1
23
5
7
2
3
1.0
0.1
7
5
3
2
7
5
3
2
Ta= -
-25°C
25°C
75°
C
VDS=10V
| yfs | -- ID


Similar Part No. - 5LN01SP_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
5LN01SP-AC ONSEMI-5LN01SP-AC Datasheet
97Kb / 4P
   Ultrahigh-Speed Switching Applications
Jan-2011, Rev. 0
More results

Similar Description - 5LN01SP_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com