Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91580 Datasheet(PDF) 2 Page - Winbond

Part # W91580
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91580 Datasheet(HTML) 2 Page - Winbond

  W91580 Datasheet HTML 1Page - Winbond W91580 Datasheet HTML 2Page - Winbond W91580 Datasheet HTML 3Page - Winbond W91580 Datasheet HTML 4Page - Winbond W91580 Datasheet HTML 5Page - Winbond W91580 Datasheet HTML 6Page - Winbond W91580 Datasheet HTML 7Page - Winbond W91580 Datasheet HTML 8Page - Winbond W91580 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W91580 SERIES
- 2 -
PIN CONFIGURATIONS
R2
R1
R4
1
2
3
4
5
18
19
20
21
22
C1
C3
C4
C5
C2
C6
C7
6
7
8
9
14
15
16
17
MODE
DTMF
10
11
12
13
XT
R3
VDD
VSS
R5
XT
T/P MUTE
HKS
DP/C9
NC
R2
R1
R4
1
2
3
4
5
20
21
22
23
24
C1
C3
C4
C5
C2
C6
C7
6
7
8
9
16
17
18
19
MODE
DTMF
10
11
12
13
14
15
XT
HFO
R3
VDD
VSS
R5
XT
T/P MUTE
HFI
HKS
DP/C9
NC
R2
R1
R4
1
2
3
4
5
24
25
26
27
28
C1
C3
C4
C5
C2
C6
C7
6
7
8
9
20
21
22
23
MODE
DTMF
10
11
12
17
18
19
XT
R3
VDD
VSS
R5
XT
DP/C9
HKS
13
14
15
16
HFO
T/P MUTE
HFI
C8
KT
DRS
HPM MUTE
NC
W91580
W91580A
W91580B/C
PIN DESCRIPTION
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
Column-
Row
Inputs
1
−7
&
18
−22
1
−7
&
20
−24
1
−8
&
24
−28
I
The keyboard input may be used with either the
standard 9
× 5 keyboard or an inexpensive
single contact (form A) keyboard. Electronic
input from a
µC can also be used.
A valid key entry is defined by a single row
being connected to a single column.
XT, XT
9, 10
9, 10
11, 12
I, O
A built-in inverter provides oscillation with an
inexpensive 3.579545 MHz crystal or ceramic
resonator.
T/P MUTE
11
11
13
O
The T/P MUTE is a conventional CMOS
N-channel open drain output.
The output transistor is switched on during pulse
and tone mode dialing sequence and flash
break. Otherwise, it is switched off.
HPM
MUTE
-
-
23
O
The HPM MUTE is a conventional inverter
output. During pulse dialing, flash, hold, and
mercury mute functions, this pin will output an
active high. It remains in a low state at all other
times.


Similar Part No. - W91580

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91580

ManufacturerPart #DatasheetDescription
logo
Winbond
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com