Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP369182 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP369182
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369182 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP369182 Datasheet HTML 1Page - TriQuint Semiconductor TQP369182 Datasheet HTML 2Page - TriQuint Semiconductor TQP369182 Datasheet HTML 3Page - TriQuint Semiconductor TQP369182 Datasheet HTML 4Page - TriQuint Semiconductor TQP369182 Datasheet HTML 5Page - TriQuint Semiconductor TQP369182 Datasheet HTML 6Page - TriQuint Semiconductor TQP369182 Datasheet HTML 7Page - TriQuint Semiconductor TQP369182 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TQP369182
DC-6 GHz Gain Block
Data Sheet: Rev D 05/15/12
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
SOT-89 Package
Wireless Infrastructure
CATV / SATV / MoCA
Point to Point
Defense & Aerospace
Test & Measurement Equipment
General Purpose Wireless
Product Features
Functional Block Diagram
DC-6000 MHz
Flat, broadband frequency response
20.7 dB Gain at 1.9 GHz
3.9 dB Noise Figure at 1.9 GHz
+28 dBm Output IP3 at 1.9 GHz
+15.1 dBm P1dB at 1.9 GHz
50 Ohm Cascadable Gain Block
Single Supply, 45 mA Current
SOT-89 Package
RF IN
GND
RF OUT
GND
1
2
3
4
General Description
Pin Configuration
The TQP369182 is a general-purpose buffer amplifier
that offers high dynamic range in a low-cost surface-
mount package.
At 1.9 GHz, the amplifier typically
provides 20.7 dB gain, +28 dBm OIP3, and 3.9 dB Noise
Figure while drawing 45 mA current. The device
combines dependable performance with consistent quality
to maintain MTTF values exceeding 100 years at
mounting temperatures of +85°C. The device is housed
in a lead-free/green/RoHS-compliant industry-standard
SOT-89 package.
The TQP369182 consists of a Darlington-pair amplifier
using TriQuint’s high reliability InGaP/GaAs HBT
process technology. Only DC-blocking capacitors, a bias
resistor, and an inductive RF choke are required for
operation.
This broadband MMIC amplifier can be directly applied
to
various
current
and
next
generation
wireless
technologies such as CDMA, W-CDMA, and LTE. In
addition, the TQP369182 will work for other applications
within the DC to 6 GHz frequency range.
Ordering Information
Part No.
Description
TQP369182
InGaP/GaAs HBT Gain Block
TQP369182-PCB
0.5-4 GHz Evaluation Board
Standard T/R size = 2500 pieces on a 13” reel
Pin #
Symbol
1
RF IN
3
RF OUT
2, 4
GND


Similar Part No. - TQP369182

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369182 TRIQUINT-TQP369182 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369182-PCB TRIQUINT-TQP369182-PCB Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182-PCB QORVO-TQP369182-PCB Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
More results

Similar Description - TQP369182

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com