Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM879008-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQM879008-PCB
Description  1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879008-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQM879008-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQM879008-PCB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TQM879008
1.5-2.7GHz ½ W Digital Variable Gain Amplifier
Data Sheet: Rev G 12/10/12
- 2 of 11-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-55 to 150
oC
RF Input Power, CW, 50Ω,T = 25ºC
+23 dBm
Vcc (pins 8, 14, 28)
+5.5 V
Digital Input Voltage
Vcc+ 0.5V
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vcc (pins 8, 14, 28)
4.75
5
5.25
V
Case Temperature
-40
85
oC
Junction Temperature, TJ
170
oC
TJ specified for >10
6 hours MTTF
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC, +5Vcc, Maximum Gain State.
Parameter
Conditions
Min
Typ
Max
Units
Operational Freq Range
1500
2700
MHz
Test Frequency
2500
MHz
Gain
38
41.1
44
dB
Gain Control Range
0.5 dB Step Size
31.5
dB
Accuracy Error
All States, 3 wire SPI, 6 states
±(0.3+5% of Attenuation setting) Max
dB
Control Interface
3-wire serial interface
6
Bit
Input Return Loss
16
dB
Output Return Loss
14
dB
Noise Figure
Maximum Gain State
3.9
dB
Output P1dB
+27.3
dBm
Output IP3
Pout = +11 dBm/tone,
∆f = 1MHz Spacing
+41
+47.5
dBm
I/O Impedance
50
Ohm
Supply Voltage
+5
V
Supply Current
220
285
320
mA
Thermal Resistance, jc
Module (junction to case)
20.5
oC/W


Similar Part No. - TQM879008-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879008-PCB TRIQUINT-TQM879008-PCB Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008-PCB QORVO-TQM879008-PCB Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
More results

Similar Description - TQM879008-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
logo
Analog Devices
ADL5246 AD-ADL5246 Datasheet
1Mb / 36P
   3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
logo
TriQuint Semiconductor
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com