Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE175D480C033FP-00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # FE175D480C033FP-00
Description  Complete AC-DC PCB-mounted solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FE175D480C033FP-00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button FE175D480C033FP-00 Datasheet HTML 4Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 5Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 6Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 7Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 8Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 9Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 10Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 11Page - Vicor Corporation FE175D480C033FP-00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VI BRICK® AC Front End
Rev 1.1
vicorpower.com
Page 8 of 20
11/2012
800 735.6200
FE175D480C033FP-00
VIN-RMS
EN
VOUT
ILOAD
1
Input Power
On & UV
Turn-on
3
Full
Load
Applied
4
EN
Forced
Low
5
EN
High
6
Range
Change
LO to HI
7
Range
Change
HI to LO
8
Load
Dump
9
Load
Step
10
Input Power
Off & UV
Turn-off
Input
Output
tCR
tON
VIN-UVLO+
≈30VRMS
2
10%
Load
Applied
tCR
tTRANS
(2 places)
VIN-UVLO-
VIN-CR+
VIN-CR-
VOUT-NL
VOUT
tON
tUVLO
tEN-DIS
tSS
VIN-RMS
VOUT
ILOAD
tON
VIN-UVLO+
tOC
tOFF+tON
tOFF+tON
tOC
≥tOFF+tON
VOUT-OVLO+
tSOVP
tON
tSS
VIN-UVLO-
tSC
tOFF+tON
tOFF+tON
EN
tOC
))
))
))
))
))
))
11
Input Power
ON & UV
Turn-on
12
Output OC
Fault
13
Output
OC
Recovery
14
Output
OVP
Fault
15
Toggle EN
(Output
OVP
Recovery)
16
Output
OVP
Fault
17
Recycle
Input
Power
(Output
OVP
Recovery)
18
Output
SC
Fault
19
Output
SC
Recovery
20
OT Fault
&
Recovery
21
Line
Drop-Out
22
Input
Power
Off & UV
Turn-off
Input
Output
tON
VIN-UVLO+
))
))
))
))
))
))
*
*
Figure 3 — Timing diagram - * Negative current is externally forced and shown for the purpose of OVP protection scenario.
Timing Diagrams
Module Inputs are shown in blue; Module Outputs are shown in brown.


Similar Part No. - FE175D480C033FP-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480C033FP-CB VICOR-FE175D480C033FP-CB Datasheet
3Mb / 20P
   Complete AC-DC PCB-mounted solution
More results

Similar Description - FE175D480C033FP-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480C033FP-CB VICOR-FE175D480C033FP-CB Datasheet
3Mb / 20P
   Complete AC-DC PCB-mounted solution
logo
Powerbox
PBB7A-B POWERBOX-PBB7A-B Datasheet
303Kb / 1P
   AC-DC PCB mounted 3 Watts
PBB7A-G POWERBOX-PBB7A-G Datasheet
303Kb / 1P
   AC-DC PCB mounted 25 Watts
PBB7A-D POWERBOX-PBB7A-D Datasheet
302Kb / 1P
   AC-DC PCB mounted 10 Watts
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
   AC-DC PCB mounted 5 Watts
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
   Complete Backlight Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
   A complete communications solution
logo
Semtech Corporation
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com