Electronic Components Datasheet Search |
|
0306-0-19-01-16-01-10-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp. |
|
0306-0-19-01-16-01-10-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp. |
|
1 / 1 page PINS A HI C SIO N PIN RECEPTACLES for .022” - .034” diameter pins and .025” square pins www.mill-max.com 516-922-6000 146 SPECIFICATIONS SHELL MATERIAL: Brass Alloy 360, 1/2 Hard CONTACT MATERIAL: Beryllium Copper Alloy 172, HT DIMENSION IN INCHES TOLERANCES ON: LENGTHS: ±.005 DIAMETERS: ±.002 ANGLES: ± 2° 0291-0-15-XX-16-XX-10-0 Hex press-fit in .067 plated thru hole 0291 0284-0-15-XX-16-XX-10-0 Solder mount in .070 min. mounting hole 0284 0303 0293-0-15-XX-16-XX-10-0 Press-fit in.067 mounting hole 0293 8114-0-15-XX-16-XX-04-0 Press-fit from underside of pc board into .065 mounting hole 8114 0306 0287 0407-0-15-XX-16-XX-04-0 Press-fit in .066 mounting hole 0407 0273 0285-0-15-XX-16-XX-10-0 Solder mount in .065 min. mounting hole 0285 0415 7520-0-15-XX-16-XX-10-0 Press-fit in .066 mounting hole 7520 ORDER CODE: XXXX - X - 1X - XX - 16 - XX - XX - 0 BASIC PART # SPECIFY SHELL FINISH: SPECIFY CONTACT FINISH: 01 200 μ” TIN/LEAD OVER NICKEL 01 200 μ” TIN/LEAD OVER NICKEL 80 200μ” TIN OVER NICKEL (RoHS) 80 200μ” TIN OVER NICKEL (RoHS) 15 10μ” GOLD OVER NICKEL (RoHS) 27 30μ” GOLD OVER NICKEL (RoHS) CONTACT #16 CONTACT (DATA ON PAGE 222) RoHS 2002/95/EC 0415-0-15-XX-16-XX-10-0 Solder mount in .063 min. mounting hole Also available on 24mm wide carrier tape: 1,500 parts per 13” reel. Order as: 0415-0-57-XX-16-XX-10-0 0287-0-15-XX-16-XX-10-0 Solder mount in .065 min. mounting hole Also available on 8mm wide carrier tape: 3,250 parts per 13” reel. Order as: 0287-0-57-XX-16-XX-10-0 0273-0-15-XX-16-XX-10-0 Press-fit in .078 mounting hole 0306-0-19-XX-16-XX-10-0 Wire Crimp Termination. Accepts wire sizes 20 AWG Max. / 24 AWG Min. 0303-0-19-XX-16-XX-10-0 Press-fit in .067 mounting hole Wire Crimp Termination. Accepts wire sizes 26 AWG Max. / 30 AWG Min. |
Similar Part No. - 0306-0-19-01-16-01-10-0 |
|
Similar Description - 0306-0-19-01-16-01-10-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |