Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91330N Datasheet(PDF) 5 Page - Winbond

Part # W91330N
Description  TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91330N Datasheet(HTML) 5 Page - Winbond

  W91330N Datasheet HTML 1Page - Winbond W91330N Datasheet HTML 2Page - Winbond W91330N Datasheet HTML 3Page - Winbond W91330N Datasheet HTML 4Page - Winbond W91330N Datasheet HTML 5Page - Winbond W91330N Datasheet HTML 6Page - Winbond W91330N Datasheet HTML 7Page - Winbond W91330N Datasheet HTML 8Page - Winbond W91330N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
W91330N SERIES
Publication Release Date: May 1997
- 5 -
Revision A2
Pin Description, continued
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
LOCK
5
(W91330LN
only
)
5
(W91330ALN
only
)
I
The function of this terminal is to prevent "0" dialing
and "9" dialing under PABX system long distance
call control. When the first key input after reset is 0
or 9, all key inputs, including the 0 or 9 key, become
invalid and the chip generates no output. The
telephone is reinitialized by a reset.
LOCK PIN
FUNCTION
Floating
Normal dialing mode
VDD
VSS
"0," "9" dialing inhibited
"0" dialing inhibited
BLOCK DIAGRAM
ROW
COLUMN
DTMF
XT
XT
MODE
RAM
COUNTER
SYSTEM CLOCK
GENERATOR
LOCATION
LATCH
D/A
ROW & COLUMN
PROGRAMMABLE
COUNTER
DATA LATCH
& DECODER
READ/WRITE
(R1 to R4, Vx)
(C1 to C4)
T/P MUTE
HFO
CONTROL
LOGIC
PULSE
CONTROL
LOGIC
KEYBOARD
INTERFACE
CONVERTER
LOCK
HKS
HFI
DP
KT


Similar Part No. - W91330N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91330N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com