Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DE111919 Datasheet(PDF) 96 Page - ITT Industries

Part No. DE111919
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DE111919 Datasheet(HTML) 96 Page - ITT Industries

Back Button DE111919 Datasheet HTML 92Page - ITT Industries DE111919 Datasheet HTML 93Page - ITT Industries DE111919 Datasheet HTML 94Page - ITT Industries DE111919 Datasheet HTML 95Page - ITT Industries DE111919 Datasheet HTML 96Page - ITT Industries DE111919 Datasheet HTML 97Page - ITT Industries DE111919 Datasheet HTML 98Page - ITT Industries DE111919 Datasheet HTML 99Page - ITT Industries DE111919 Datasheet HTML 100Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
95
D Subminiature
Combo D
PCB Guide Pin and Socket
Installs into any Combo D, Size 8 cavity. This guide
pin and socket system is ideal for blind mate
applications where space is limited.
PCB Guide Pin
Part Number
Material
Finish
DM53745-126
Copper Alloy
Tin
29,21 (1.150)
REF
3,68 - 3,43
(.145 - .135)
Ø 5,66 - 5,41
(.223 - .213)
RING, RETAINING
Ø 3,25 - 3,10
(.128 - .122)
11,43 (.450)
REF
PCB Guide Socket
Part Number
Material
Finish
248-2967-000
Copper Alloy
Tin
4,06 (.160)
16,28 (.641)
REF
CONNECTOR REAR
INSULATOR REF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn