Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA3117 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SMA3117
Description  Wideband Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3117 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SMA3117_12 Datasheet HTML 1Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 2Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 3Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 4Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 5Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 6Page - Sanyo Semicon Device SMA3117_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMA3117
No.8936-1/7
Features
High Gain
: Gp=33.5dB typ. @2.2GHz
Wideband response
: fu=3.0GHz
Low current
: ICC=22.7mA typ.
High output power
: Po(1dB)=5.7dBm
Port impedance
: input/output 50
Ω
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
6V
Circuit Current
ICC
40
mA
Allowable Power Dissipation
PD
280
mW
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7022A-018
Ordering number : EN8936A
90512 TKIM/71311AM TKIM TC-00002627
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: MCPH6
• JEITA, JEDEC
: SC-88, SC-70-6, SOT-363
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
TL
1 : VCC
2 : GND
3 : OUT
4 : GND
5 : GND
6 : IN
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SMA3117-TL-H
LG
SMA3117 SiliconMMIC
Wideband Amplifier


Similar Part No. - SMA3117_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117-TL-H ONSEMI-SMA3117-TL-H Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
More results

Similar Description - SMA3117_12

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com