Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA3101 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SMA3101
Description  Wideband Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3101 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SMA3101 Datasheet HTML 1Page - Sanyo Semicon Device SMA3101 Datasheet HTML 2Page - Sanyo Semicon Device SMA3101 Datasheet HTML 3Page - Sanyo Semicon Device SMA3101 Datasheet HTML 4Page - Sanyo Semicon Device SMA3101 Datasheet HTML 5Page - Sanyo Semicon Device SMA3101 Datasheet HTML 6Page - Sanyo Semicon Device SMA3101 Datasheet HTML 7Page - Sanyo Semicon Device SMA3101 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMA3101
No. A1431-2/8
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
4.5
5
5.5
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
Electrical Characteristics at Ta=25°C, VCC=5V, Zs=ZL=50Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
7.1
10.0
12.6
mA
Power Gain
Gp
f=1GHz
21.5
25.0
28.5
dB
f=2.2GHz
21.5
25.5
28.5
Isolation
ISL
f=1GHz
33.0
38.0
dB
f=2.2GHz
31.0
36.0
Input Return Loss
RLin
f=1GHz
11.0
16.0
dB
f=2.2GHz
12.0
21.0
Output Return Loss
RLout
f=1GHz
10.0
18.5
dB
f=2.2GHz
8.0
12.0
Noise Figure
NF
f=1GHz
4.0
5.3
dB
f=2.2GHz
4.0
5.3
Gain 1dB Compression Output Power
Po(1dB)
f=1GHz
--5.0
--2.0
dBm
f=2.2GHz
--7.0
--4.0
Upper Limit Operating Frequency
fu
3dB down below flat gain at f =1GHz
3.0
GHz
Ordering Information
Device
Package
Shipping
memo
SMA3101-TL-E
MCPH6
3,000pcs./reel
Pb Free


Similar Part No. - SMA3101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
101Kb / 5P
   Wideband Amplifier
logo
ON Semiconductor
SMA3101 ONSEMI-SMA3101 Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
SMA3101-TL-E ONSEMI-SMA3101-TL-E Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
logo
Sanyo Semicon Device
SMA3101_0909 SANYO-SMA3101_0909 Datasheet
101Kb / 5P
   Wideband Amplifier
More results

Similar Description - SMA3101

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com