Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

015-8755-000 Datasheet(PDF) 18 Page - ITT Industries

Part # 015-8755-000
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

015-8755-000 Datasheet(HTML) 18 Page - ITT Industries

Back Button 015-8755-000 Datasheet HTML 14Page - ITT Industries 015-8755-000 Datasheet HTML 15Page - ITT Industries 015-8755-000 Datasheet HTML 16Page - ITT Industries 015-8755-000 Datasheet HTML 17Page - ITT Industries 015-8755-000 Datasheet HTML 18Page - ITT Industries 015-8755-000 Datasheet HTML 19Page - ITT Industries 015-8755-000 Datasheet HTML 20Page - ITT Industries 015-8755-000 Datasheet HTML 21Page - ITT Industries 015-8755-000 Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
17
D Subminiature
D*M
90
° Solder Termination (Machined) — Standard Footprint .318 or .283 inch
Part Numbers
Shell Size
Layout
Bracket
Bracket &
Boardlock
Bracket &
Screw Lock
#4-40 UNC
Bracket,
Boardlock &
Screw Lock
#4-40 UNC
DE
9
DEMP9SJA197
DEMC9SJA197
DEMD9SJA197
DEMG9SJA197
DA
15
DAMP15SJA197
DAMC15SJA197
DAMD15SJA197
DAMG15SJA197
DB
25
DBMP25SJA197
DBMC25SJA197
DBMD25SJA197
DBMG25SJA197
DC
37
DCMP37SJA197
DCMC37SJA197
DCMD37SJA197
DCMG37SJA197
DD
50
DDMP50SJA197
DDMC50SJA197
DDMD50SJA197
DDMG50SJA197
Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DAMG15SJK126
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
M
±0,25 (.010)
N
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
13,74 (.541)
10,06 (.396)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
Engaging Face
Screw lock and boardlock
removed for clarity
Screw lock and boardlock
removed for clarity
BOARDLOCK
A
C
B
D
E
Ø 0,76
(.030)
10
°
2,92
(.115)
Note:
Dimension varies with alternate bracket configuration. See Reader’s Resource page 226.
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
6,50
± 0,25
(.256
± .010)
M
N
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
5,68
(.224)
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
2,84
(.112)
L
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
2,84
(.112)
F
W
DD Configuration


Similar Part No. - 015-8755-000

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
015-0051 CHERRY-015-0051 Datasheet
34Kb / 1P
   cherry electrical products corp
logo
Molex Electronics Ltd.
015-04-5042 MOLEX1-015-04-5042 Datasheet
218Kb / 3P
   2.54mm (.100") SL??Interim Clip, 4 Circuits
015-04-5052 MOLEX1-015-04-5052 Datasheet
218Kb / 3P
   2.54mm (.100") SL??Interim Clip, 5 Circuits
015-04-5061 MOLEX1-015-04-5061 Datasheet
214Kb / 3P
   2.54mm (.100") SL??Interim Clip, 6 Circuits
015-04-5062 MOLEX1-015-04-5062 Datasheet
218Kb / 3P
   2.54mm (.100") SL??Interim Clip, 6 Circuits
More results

Similar Description - 015-8755-000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com