Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W88113C Datasheet(PDF) 28 Page - Winbond

Part # W88113C
Description  ATAPI CD-ROM DECODER & CONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W88113C Datasheet(HTML) 28 Page - Winbond

Back Button W88113C Datasheet HTML 24Page - Winbond W88113C Datasheet HTML 25Page - Winbond W88113C Datasheet HTML 26Page - Winbond W88113C Datasheet HTML 27Page - Winbond W88113C Datasheet HTML 28Page - Winbond W88113C Datasheet HTML 29Page - Winbond W88113C Datasheet HTML 30Page - Winbond W88113C Datasheet HTML 31Page - Winbond W88113C Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
W88113C
Publication Release Date: Mar. 1999
- 24 -
Revision 0.61
Bit 1:
DRST - Decoder Reset
Setting this bit to high resets decoding logic, including:
• SRIEN (01h.w5) ← 0
• CTRL0 (0Ah,w) ← 00h
• CTRL1 (0Bh,w) ← 00h
• CTRLW (10h,w) ← 00h
• STAT0-2 (0Ch-0Eh,r) ← 00h
• STAT3 (0Fh,r) ← 80h
• TARSTA (80h,r) ← 00h
DRST is automatically cleared by itself.
CRTRG - Correction Retry Trigger - (write 11h)
Writing register CRTRG, regardless of what data is written, triggers the decoding logic to perform
another correction sequence to the same block.
Bit 7-1: Reserved
Bit 0:
CRRL - Correction Retry Register Load
Setting this bit high while writing register CRTRG (11h,w) re-loads the setting of EDCEN
(0Ah.w5), QCEN (0Ah.w1), or PCEN (0Ah.w0) to decoding logic.
Decoder Parameter
Updated at the end of sync
Updated by writing CRRL
EDCEN (0Ah.w5)
yes
yes
QCEN (0Ah.w1)
yes
yes
PCEN (0Ah.w0)
yes
yes
ACEN (0Ah.w4)
yes
no
BUFEN (0Ah.w2)
yes
no
M2RQ (0Bh.w3)
yes
no
F2RQ (0Bh.w2)
yes
no
MCRQ (0Bh.w1)
yes
no


Similar Part No. - W88113C

ManufacturerPart #DatasheetDescription
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
W88112F WINBOND-W88112F Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
More results

Similar Description - W88113C

ManufacturerPart #DatasheetDescription
logo
Winbond
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Samsung semiconductor
KS9246 SAMSUNG-KS9246 Datasheet
756Kb / 126P
   ATAPI AUTOMATED CD-ROM CONTROLLER WITH EMBEDDED DRAM
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com