Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV58063MC Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV58063MC
Description  Step-down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV58063MC Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV58063MC Datasheet HTML 1Page - Sanyo Semicon Device LV58063MC Datasheet HTML 2Page - Sanyo Semicon Device LV58063MC Datasheet HTML 3Page - Sanyo Semicon Device LV58063MC Datasheet HTML 4Page - Sanyo Semicon Device LV58063MC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LV58063MC
PS No.A2120-5/5
Continued from preceding page.
Pin No.
Pin name
Description
Equivalent Circuit
8
SS
Soft start terminal
Internal source current (10
μA) and external
capacitor will make soft start time.
Soft start capacitor, C6 is given by next equation,
C6 = 10
μA ×
Tss
Vref
Where, Tss : soft start time,
Vref : reference voltage
Example : soft start time = 1.2ms
C6 = 10
μA ×
1.2ms
0.8 V = 0.015μF
See FB
Considerations for the design
• Insertion of serial beads in the Schottky diode for removal of noise may cause generation of the negative voltage on SW
pin deviating from the absolute maximum rating at the SW pin, resulting in failure of normal operation. Please, do not
insert beads as above described. Instead, remove noise by Rb resistor.
• Exposed pad on the bottom side of the IC should be soldered. We cannot recommend other usages of the exposed pad.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
Regarding monolithic semiconductors, if you should intend to use this IC continuously under high temperature,
high current, high voltage, or drastic temperature change, even if it is used within the range of absolute
maximum ratings or operating conditions, there is a possibility of decrease reliability. Please contact us for a
confirmation.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
This catalog provides information as of September, 2012. Specifications and information herein are subject
to change without notice.


Similar Part No. - LV58063MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV58063MC ONSEMI-LV58063MC Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MC-AH ONSEMI-LV58063MC-AH Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MCZ-AH ONSEMI-LV58063MCZ-AH Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MC ONSEMI-LV58063MC_13 Datasheet
121Kb / 5P
   Step-down Switching Regulator
August, 2013
More results

Similar Description - LV58063MC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com