Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV58063MC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV58063MC
Description  Step-down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV58063MC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV58063MC Datasheet HTML 1Page - Sanyo Semicon Device LV58063MC Datasheet HTML 2Page - Sanyo Semicon Device LV58063MC Datasheet HTML 3Page - Sanyo Semicon Device LV58063MC Datasheet HTML 4Page - Sanyo Semicon Device LV58063MC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LV58063MC
No.A2120-2/5
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Maximum input VIN voltage
VIN max
32
V
BOOT pin maximum voltage
VBT max
37
V
SW pin maximum voltage
VSW max
VIN max
V
BOOT pin-SW pin maximum voltage
VBS-SW max
7V
FB, EN, COMP, SS pin maximum
voltage
Vfs max
7V
Allowable power dissipation
Pd max
Mount on a specified board *
2.05
W
Junction temperature
Tj max
150
°C
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified board: 46.4mm
× 31.8mm ×1.7mm, glass epoxy.
Note: Plan the maximum voltage while including coil and surge voltages, so that the maximum voltage is not exceeded even for an instant.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
VIN pin voltage
VIN
8 to 28
V
BOOT pin voltage
VBT
-0.3 to 34
V
SW pin voltage
VSW
-0.4 to VIN
V
BOOT pin-SW pin voltage
VBS-SW
6.5
V
FB, EN, COMP, SS pin voltage
VFSO
6V
Electrical Characteristics at Ta = 25°C VIN = 12V, unless otherwise specified.
Ratings
Parameter
Conditions
Conditions
min
typ
max
Unit
IC current drain at standby
ICC1
EN=0V
70
μA
IC current drain in operation
ICC2
EN=open, FB=1V
5
mA
Efficiency
Effcy
VIN=12V, IOUT=1A, VO=5V
Design target: *1
90
%
Reference voltage
Vref
VIN=8V to 28V (±2%)
-2%
0.8
+2%
V
FB pin bias current
Iref
FB=0.8V application
10
100
nA
High-side ON resistance
RonH
BOOT=5V
0.13
Ω
Low-side ON resistance
RonL
7
Ω
Oscillation frequency
FOSC
296
370
444
kHz
Oscillation frequency during
short-circuit protection
FOSCS
30
38
46
kHz
EN high-threshold voltage
Venh
1.9
V
EN low-threshold voltage
Venl
0.8
V
EN pull-up corrent
Ien
EN=0V
16
μA
Maximum ON DUTY
D max
80
%
Current limit peak value 1
Icl1
VIN=12V, VOUT=5V, L=10μH
3.8
A
Thermal shutdown temperature
Ttsd
*Design guarantee *2
160
°C
Thermal shutdown temperature
hysteresis
Dtsd
*Design guarantee *2
40
°C
Soft start current
ISS
SS=0V
6
10
14
μA
*1: Reference value (not tested before shipment)
*2: Design guarantee (value guaranteed by design and not tested before shipment)


Similar Part No. - LV58063MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV58063MC ONSEMI-LV58063MC Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MC-AH ONSEMI-LV58063MC-AH Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MCZ-AH ONSEMI-LV58063MCZ-AH Datasheet
182Kb / 6P
   Step-down Switching Regulator
July, 2014
LV58063MC ONSEMI-LV58063MC_13 Datasheet
121Kb / 5P
   Step-down Switching Regulator
August, 2013
More results

Similar Description - LV58063MC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com