Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5695P Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5695P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5695P Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5695P_12 Datasheet HTML 1Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 2Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 3Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 4Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 5Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 6Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 7Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 8Page - Sanyo Semicon Device LV5695P_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LV5695P
No.A1972-3/13
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Line regulation
ΔVOLN4
10.8V
< VCC < 16V, IO4 = 350mA
40
100
mV
Load regulation
ΔVOLD4
1mA
< IO4 < 350mA
70
150
mV
Dropout voltage 1
VDROP4
IO4 = 350mA
1.0
1.5
V
Dropout voltage 2
VDROP4’
IO4 = 100mA
0.3
0.6
V
Ripple rejection
RREJ4
f = 120Hz, IO4 = 350mA
40
50
dB
AMP_HS-SW; CTRL3 =
⎡M2 or H⎦
Output voltage
VO5
IO5 = 500mA
VCC-0.5
VCC-1.0
V
Output current
IO5
VCC-1.0 ≥ ΔVO5
500
mA
ANT_HS-SW; CTRL3 =
⎡M1 or H⎦
Output voltage
VO6
IO6 = 300mA
VCC-0.5
VCC-1.0
V
Output current
IO6
VCC-1.0 ≥ ΔVO6
350
mA
SWD5V; CTRL2 =
⎡M2 or H⎦
SWD output voltage
VO7
IO7 = 350mA
4.85
5.0
5.15
V
SWD output current
IO7
VO7 ≥ 4.7V
500
mA
Line regulation
ΔVOLN7
10V
< VCC < 16V, IO7 = 350mA
30
70
mV
Load regulation
ΔVOLD7
1mA
< IO7 < 350mA
70
150
mV
Dropout voltage
VDROP7
IO7 = 350mA
0.8
1.6
V
Ripple rejection
RREJ7
f = 120Hz, IO7 = 350mA
40
50
dB
CD(8.0V output); CTRL1 =
⎡ M2 or H⎦
CD output voltage
VO81
IO8 = 1300mA
7.76
8.0
8.24
V
CD output current
IO8
VO81 ≥ 7.6V
2000
mA
Line regulation
ΔVOLN8
10.5V
< VCC < 16V, IO8 = 1300mA
40
100
mV
Load regulation
ΔVOLD8
10mA
< IO8 < 1300mA
70
200
mV
Dropout voltage 1
VDROP8
IO8 = 1300mA
1.3
1.95
V
Dropout voltage 2
VDROP8’
IO8 = 350mA
0.35
0.7
V
Ripple rejection
RREJ8
f = 120Hz, IO8 = 1300mA
40
50
dB
*2: The entire specification has been defined based on the tests performed under the conditions where Tj and Ta (=25
°C) are almost equal. There tests were
performed with pulse load to minimize the increase of junction temperature (Tj).


Similar Part No. - LV5695P_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results

Similar Description - LV5695P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com