Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5682P Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV5682P
Description  For Car Audio Systems Multi-Power Supply System IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5682P Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV5682P_12 Datasheet HTML 6Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 7Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 8Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 9Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 10Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 11Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 12Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 13Page - Sanyo Semicon Device LV5682P_12 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LV5682P
No.A1833-10/15
• ILM output voltage setting method
Formula for ILM voltage calculation
Example : ILM = 9V setting method
The ILM_F voltage is determined by the
internal band gap voltage of the IC (typ = 1.26V).
When R3 = 150k, the ILM output voltage will be as follows:
• AUDIO output voltage setting method
Formula for AUDIO voltage calculation
The circuit must be designed in such a way that the R1:R2 ratio
satisfies the formula given above for the AUDIO voltage that
has been set.
Example : AUDIO = 8.5V setting method
The AUDIO_F voltage is determined by the
internal band gap voltage of the IC (typ = 1.26V).
Note : In the above, the typical values are given in all instances for the values used and, as such, they will vary due to the
effects of production-related variations of the IC and external resistors.
V
V
V
AUDIO
8.49
1.26
5.74
1.26
+
×
=
V
V
k
k
V
ILM
8.94
1.26
42.69
7
1.26
+
×
=
3
2
3
2
3
2
1
//
R
R
R
R
R
R
Z
+
=
=
]
[
26
.
1
]
[
1.26
1
1
V
Z
R
V
ILM
+
×
=
(
)
1.26
1.26
1
1
R
ILM
Z
=
1
2
1
2
3
Z
R
Z
R
R
=
(
)
43
1.26
7
1.26
9
1
k
V
k
V
V
Z
=
42.69
150
59.67
150
59.67
1
k
k
k
k
k
Z
+
=
]
1.26[
]
1.26[
1
2
V
R
R
V
AUDIO
+
×
=
(
)
1.26
1.26
2
1
=
AUDIO
R
R
(
)
5.75
1.26
1.26
8.5
2
1
=
R
R
5.74
4.7
27
2
1
=
k
k
R
R
ILM
ILM_F
Z1=R2/R3
R3
R2
1.26V
R1
5
6
AUDIO
AUDIO_F
R1
1.26V
R2
10
8
Ω
=
k
k
k
k
k
k
R
150
9
.
53
1
3
4
59.67
3
4
59.67
3


Similar Part No. - LV5682P_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5682P-E ONSEMI-LV5682P-E Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
More results

Similar Description - LV5682P_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com