Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5219LG Datasheet(PDF) 40 Page - Sanyo Semicon Device

Part # LV5219LG
Description  For cell phone LED driver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5219LG Datasheet(HTML) 40 Page - Sanyo Semicon Device

Back Button LV5219LG Datasheet HTML 36Page - Sanyo Semicon Device LV5219LG Datasheet HTML 37Page - Sanyo Semicon Device LV5219LG Datasheet HTML 38Page - Sanyo Semicon Device LV5219LG Datasheet HTML 39Page - Sanyo Semicon Device LV5219LG Datasheet HTML 40Page - Sanyo Semicon Device LV5219LG Datasheet HTML 41Page - Sanyo Semicon Device LV5219LG Datasheet HTML 42Page - Sanyo Semicon Device LV5219LG Datasheet HTML 43Page - Sanyo Semicon Device LV5219LG Datasheet HTML 44Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
LV5219LG
No.A1083-40/65
address : 20h (R2FCTL) RLED2 Fade Time Setting Register Write
20h (R2FCTL)
D7
D6
D5
D4
D3
D2
D1
D0
Register name
-
-
R2FOUT [2]
R2FOUT [1]
R2FOUT [0]
R2FIN [2]
R2FIN [1]
R2FIN [0]
R/W
W
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
D0 to D2 : R2FIN [0] to R2FIN [2] (Fin slope settings (RLED2))
D2
D1
D0
R2FIN
0
0
0
No slope
*Default
0
0
1
1/16
0
1
0
1/8
0
1
1
1/4
1
0
0
3/8
1
0
1
1/2
1
1
0
3/4
1
1
1
Slope MAX
The slope time MAX is 1/2 of the AT2 time setting.
D3 to D5 : R2FOUT [0] to R2FOUT [2] (Fout slope settings (RLED2))
D5
D4
D3
R2FOUT
0
0
0
No slope
*Default
0
0
1
1/16
0
1
0
1/8
0
1
1
1/4
1
0
0
3/8
1
0
1
1/2
1
1
0
3/4
1
1
1
Slope MAX
The slope time MAX is 1/2 of the AT2 time setting.
address : 21h (G2FCTL) GLED2 Fade Time Setting Register Write
21h (G2FCTL)
D7
D6
D5
D4
D3
D2
D1
D0
Register name
-
-
G2FOUT [2]
G2FOUT [1]
G2FOUT [0]
G2FIN [2]
G2FIN [1]
G2FIN [0]
R/W
W
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
D0 to D2 : G2FIN [0] to G2FIN [2] (Fin slope settings (GLED2))
D2
D1
D0
G2FIN
0
0
0
No slope
*Default
0
0
1
1/16
0
1
0
1/8
0
1
1
1/4
1
0
0
3/8
1
0
1
1/2
1
1
0
3/4
1
1
1
Slope MAX
The slope time MAX is 1/2 of the AT2 time setting.
D3 to D5 : G2FOUT [0] to G2FOUT [2] (Fout slope settings (GLED2))
D5
D4
D3
G2FOUT
0
0
0
No slope
*Default
0
0
1
1/16
0
1
0
1/8
0
1
1
1/4
1
0
0
3/8
1
0
1
1/2
1
1
0
3/4
1
1
1
Slope MAX
The slope time MAX is 1/2 of the AT2 time setting.


Similar Part No. - LV5219LG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5212VH SANYO-LV5212VH Datasheet
117Kb / 9P
   Bi-CMOS IC LED Driver Control IC
LV5212VH SANYO-LV5212VH Datasheet
141Kb / 9P
   8ch LED Driver
LV5212VH SANYO-LV5212VH_10 Datasheet
141Kb / 9P
   8ch LED Driver
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
LV52130N0XA-VH ONSEMI-LV52130N0XA-VH Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results

Similar Description - LV5219LG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5207LP SANYO-LV5207LP Datasheet
125Kb / 14P
   For Cellular Phone LED Driver
logo
ON Semiconductor
ENA0943 ONSEMI-ENA0943 Datasheet
120Kb / 14P
   LED Driver for Cellular Phone
August, 2013
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
BD6081GU ROHM-BD6081GU Datasheet
342Kb / 6P
   Compound LED Driver for cellular phone
BH6942KN ROHM-BH6942KN Datasheet
378Kb / 6P
   LED Driver IC for Cellular Phone
BH6943KN ROHM-BH6943KN Datasheet
376Kb / 6P
   LED Driver IC for Cellular Phone
BD6081GVW ROHM-BD6081GVW Datasheet
348Kb / 6P
   Compound LED Driver for cellular phone
logo
Sanyo Semicon Device
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com