Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6370B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 2Page - Sanyo Semicon Device EN6370B Datasheet HTML 3Page - Sanyo Semicon Device EN6370B Datasheet HTML 4Page - Sanyo Semicon Device EN6370B Datasheet HTML 5Page - Sanyo Semicon Device EN6370B Datasheet HTML 6Page - Sanyo Semicon Device EN6370B Datasheet HTML 7Page - Sanyo Semicon Device EN6370B Datasheet HTML 8Page - Sanyo Semicon Device EN6370B Datasheet HTML 9Page - Sanyo Semicon Device EN6370B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LC75808W
No.6370-6/38
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1 to S60
1 to 60
Segment driver outputs.
-
O
OPEN
COM1 to
COM10
70 to 61
Common driver outputs.
-
O
OPEN
KS1 to KS6
71 to 76
Key scan outputs.
Although normal key scan timing lines require diodes to be inserted in the timing
lines to prevent shorts, since these outputs are unbalanced CMOS transistor
outputs, these outputs will not be damaged by shorting when these outputs are
used to form a key matrix.
-
O
OPEN
KI1 to KI5
77 to 81
Key scan inputs.
These pins have built-in pull-down resistors.
H
I
GND
P1 to P4
82 to 85
General-purpose output ports.
-
O
OPEN
OSC
95
Oscillator connection.
An oscillator circuit is formed by connecting an external resistor and capacitor at
this pin.
-
I/O
VDD
CE
98
H
I
CL
99
I
DI
100
-
I
GND
DO
97
Serial data interface connections to the controller. Note that DO, being an open-
drain output, requires a pull-up resistor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
DO: Output data
-
O
OPEN
INH
96
Input that turns the display off, disables key scanning, and forces the
general-purpose output ports low.
• When INH is low (VSS):
• Display off
S1 to S60 = “L” (VLCD4).
COM1 to COM10 = “L” (VLCD4).
• General-purpose output ports P1 to P4 = low (VSS)
• Key scanning is disabled: KS1 to KS6 = low (VSS)
• All the key data is reset to low.
• When INH is high (VDD):
• Display on
• The states of the general-purpose output ports can be set by the PC1 to PC4
control data.
• Key scanning is enabled.
However, serial data can be transferred when the INH pin is low.
L
I
VDD
TEST
94
This pin must be connected to ground.
-
I
-
VLCD0
88
LCD drive 4/4 bias voltage (high level) supply pin. The level on this pin can be
changed by the display contrast adjustment circuit.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V.
Also, external power must not be applied to this pin since the pin circuit includes
the display contrast adjustment circuit.
-
O
OPEN
VLCD1
89
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can be used to
supply the 3/4 (VLCD0 - VLCD4) voltage level externally.
-
I
OPEN
VLCD2
90
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can be used to
supply the 2/4 (VLCD0 - VLCD4) voltage level externally.
-
I
OPEN
VLCD3
91
LCD drive 1/4 bias voltage (middle level) supply pin. This pin can be used to
supply the 1/4 (VLCD0 - VLCD4) voltage level externally.
-
I
OPEN
VLCD4
92
LCD drive 0/4 bias voltage (low level) supply pin. Fine adjustment of the display
contrast can be implemented by connecting an external variable resistor to this pin.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V, and VLCD4
must be in the range 0 V to 1.5V, inclusive.
-
I
GND
VDD
86
Logic block power supply connection. Provide a voltage of between 4.5 and 6.0V.
-
-
-
VLCD
87
LCD driver block power supply connection. Provide a voltage of between 7.0 and
11.0V when the display contrast adjustment circuit is used and provide a voltage of
between 4.5 and 11.0V when the circuit is not used.
-
-
-
VSS
93
Power supply connection. Connect to ground.
-
-
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn