Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6370B Datasheet(PDF) 37 Page - Sanyo Semicon Device

Part No. EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 37 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 30Page - Sanyo Semicon Device EN6370B Datasheet HTML 31Page - Sanyo Semicon Device EN6370B Datasheet HTML 32Page - Sanyo Semicon Device EN6370B Datasheet HTML 33Page - Sanyo Semicon Device EN6370B Datasheet HTML 34Page - Sanyo Semicon Device EN6370B Datasheet HTML 35Page - Sanyo Semicon Device EN6370B Datasheet HTML 36Page - Sanyo Semicon Device EN6370B Datasheet HTML 37Page - Sanyo Semicon Device EN6370B Datasheet HTML 38Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
LC75808W
No.6370-37/38
2. Interrupt based key data acquisition
• Flowchart
• Timing chart
• Explanation
In this technique, the controller uses interrupts to determine key on/off states and read the key data. The controller
must check the DO state when CE is low. If DO is low, the controller recognizes that a key has been pressed and
executes the key data read operation. After that the next key on/off determination is performed after the time t10 has
elapsed by checking the DO state when CE is low and reading the key data. The period t10 in this technique must
satisfy the following condition.
t10 > t6
If a key data read operation is executed when DO is high, the read key data (KD1 to KD30) and sleep acknowledge
data (SA) will be invalid.
t5: Key scan execution time when the key data agreed for two key scans. (800T(S))
t6: Key scan execution time when the key data did not agree for two key scans and
the key scan was executed again. (1600T(S))
t7: Key address (43H) transfer time
t8: Key data read time
1
fOSC
T=
t10
t5
t8
t7
Key on
Key input
CE
DI
DO
Key scan
Key
address
Key data read
Key data read request
t10
t6
t5
t8
t7
t7
t8
Key on
t10
t5
t8
t7
t10
A12931
Controller
detemination
(Key on)
Controller
detemination
(Key on)
Controller
detemination
(Key on)
Controller
detemination
(Key on)
Controller
detemination
(Key off)
Controller
detemination
(Key off)
CE=[L]
CE=[L]
Key data
read processing
DO=[L]
DO=[H]
Key OFF
NO
NO
YES
YES
A12930
Wait for at least t10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn