Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 32 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 32 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 28Page - Sanyo Semicon Device EN6370B Datasheet HTML 29Page - Sanyo Semicon Device EN6370B Datasheet HTML 30Page - Sanyo Semicon Device EN6370B Datasheet HTML 31Page - Sanyo Semicon Device EN6370B Datasheet HTML 32Page - Sanyo Semicon Device EN6370B Datasheet HTML 33Page - Sanyo Semicon Device EN6370B Datasheet HTML 34Page - Sanyo Semicon Device EN6370B Datasheet HTML 35Page - Sanyo Semicon Device EN6370B Datasheet HTML 36Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LC75808W
No.6370-32/38
Sample Application Circuit 3
1/9 duty, 1/4 bias drive technique (for use with normal panels)
Note: *6. Add a capacitor to the logic block power supply line so that the logic block power supply voltage VDD rise
time when power is applied and the logic block power supply voltage VDD fall time when power drops are
both at least 1ms, as the LC75808W is reset by the VDET.
*7. If a variable resistor is not used for display contrast fine adjustment, the VLCD4 pin must be connected to
ground.
*8. If the function of the INH pin is not used, the INH pin must be connected to the logic block power supply
VDD.
*9. The DO pin, being an open-drain output, requires a pull-up resistor. Select a resistance (between 1k
Ω to
10k
Ω) appropriate for the capacitance of the external wiring so that signal waveforms are not degraded.
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
OPEN
COM10
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S56
S57
S58
S59
S60
P1
P2
P3
P4
OPEN
C
C
C
*6
OSC
INH * 8
*9
CE
CL
DI
DO
K
I
5
K
I
4
K
I
3
K
I
2
K
I
1
K
S
6
K
S
5
K
S
4
K
S
3
K
S
2
K
S
1
LCD panel
Key matrix
(up to 30 keys)
A12924
+5V
+8V
C
0.047μF
From the controller
To the controller
To the controller
power supply
Used with the backlight
controller or other circuit.
general-purpose output ports
VDD
TEST
VSS
VLCD
VLCD0
VLCD1
VLCD2
VLCD3
VLCD4*7


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com