Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 29 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 29 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 25Page - Sanyo Semicon Device EN6370B Datasheet HTML 26Page - Sanyo Semicon Device EN6370B Datasheet HTML 27Page - Sanyo Semicon Device EN6370B Datasheet HTML 28Page - Sanyo Semicon Device EN6370B Datasheet HTML 29Page - Sanyo Semicon Device EN6370B Datasheet HTML 30Page - Sanyo Semicon Device EN6370B Datasheet HTML 31Page - Sanyo Semicon Device EN6370B Datasheet HTML 32Page - Sanyo Semicon Device EN6370B Datasheet HTML 33Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LC75808W
No.6370-29/38
2. LC75808W internal block states during the system reset
• CLOCK GENERATOR
Reset is applied and the base clock is stopped. However, the OSC pin state (normal or sleep mode) is determined
after the SP control data bit is transferred.
• COMMON DRIVER, SEGMENT DRIVER & LATCH
Reset is applied and the display is turned off. However, display data can be input to the latch circuit in this state.
• CONTRAST ADJUSTER
Reset is applied and operation of the display contrast adjustment circuit is disabled. After that, once CT0 to CT3
and CTC in the control data have been transferred to the IC it will then be possible to set the display contrast.
• KEY SCAN, KEY BUFFER
Reset is applied, these circuits are forcibly initialized internally, and key scan operation is disabled. Also, the key
data is all set to 0. After that, once KC1 to KC6 in the control data have been transferred to the IC it will then be
possible to perform key scan operations.
• GENERAL PORT
Reset is applied and the states of the general-purpose output ports are held fixed at the low level (VSS).
• CCB INTERFACE, SHIFT REGISTER, CONTROL REGISTER
Since serial data transfer is possible, these circuits are not reset.
3. Output pin states during the system reset
Output pin
State during reset
S1 to S60
COM1 to COM10
KS1 to KS6
P1 to P4
DO
L(VLCD4)
L(VLCD4)
L(VSS)
L(VSS)
H *5
Note: *5. Since this output pin is an open-drain output, a pull-up resistor of between 1k
Ω and 10 kΩ is required.
This pin is held at the high level even if a key data read operation is performed before the KC1 to KC6
control data has been transferred to the IC.
VLCD
VLCD0
VLCD1
VLCD2
VLCD3
VLCD4
VDD
VSS
TEST
CONTRAST
ADJUSTER
GENERAL
PORT
COMMON
DRIVER
CONTROL
REGISTER
CLOCK
GENERATOR
VDET
CCB INTERFACE
KEY BUFFER
KEY SCAN
SHIFT REGISTER
SEGMENT DRIVER & LATCH
A12921
Blocks that are reset


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com