Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 28 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 28 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 24Page - Sanyo Semicon Device EN6370B Datasheet HTML 25Page - Sanyo Semicon Device EN6370B Datasheet HTML 26Page - Sanyo Semicon Device EN6370B Datasheet HTML 27Page - Sanyo Semicon Device EN6370B Datasheet HTML 28Page - Sanyo Semicon Device EN6370B Datasheet HTML 29Page - Sanyo Semicon Device EN6370B Datasheet HTML 30Page - Sanyo Semicon Device EN6370B Datasheet HTML 31Page - Sanyo Semicon Device EN6370B Datasheet HTML 32Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LC75808W
No.6370-28/38
• 1/9 duty
• t1
≥ 1 [ms] (Logic block power supply voltage VDD rise time)
• t2
≥ 0
• t3
≥ 0
• t4
≥ 1 [ms] (Logic block power supply voltage VDD fall time)
Figure 4
• 1/10 duty
• t1
≥ 1 [ms] (Logic block power supply voltage VDD rise time)
• t2
≥ 0
• t3
≥ 0
• t4
≥ 1 [ms] (Logic block power supply voltage VDD fall time)
Figure 5
t1 t2
t4
t3
VDET
VIL
VDET
Defined
Undefined
Undefined
Undefined
Internal data (D1 to D135)
Internal data (D136 to D270)
Internal data (D271 to D405)
Internal data (D406 to D540)
Key scan
General-purpose output ports
Display state
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Display on
Display off
Undefined
Disabled
Execution enabled
CE
A12919
VDD
VLCD
Internal data
KC1 to KC6, PC1 to PC4,
CT0 to CT3, CTC,
SC, SP, DT1, DT2
Fixed at the low level (VSS)
Can be set to either the high (VDD) or low (VSS) level.
t1 t2
t4
t3
VDET
VIL
VDET
Defined
Undefined
Undefined
Undefined
Internal data (D1 to D150)
Internal data (D151 to D300)
Internal data (D301 to D450)
Internal data (D451 to D600)
Key scan
General-purpose output ports
Display state
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Undefined
Undefined
Defined
Display on
Display off
Undefined
Disabled
Execution enabled
CE
A12920
VDD
VLCD
Internal data
KC1 to KC6, PC1 to PC4,
CT0 to CT3, CTC,
SC, SP, DT1, DT2
Fixed at the low level (VSS)
Can be set to either the high (VDD) or low (VSS) level.


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com