Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6370B Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part No. EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 23 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 19Page - Sanyo Semicon Device EN6370B Datasheet HTML 20Page - Sanyo Semicon Device EN6370B Datasheet HTML 21Page - Sanyo Semicon Device EN6370B Datasheet HTML 22Page - Sanyo Semicon Device EN6370B Datasheet HTML 23Page - Sanyo Semicon Device EN6370B Datasheet HTML 24Page - Sanyo Semicon Device EN6370B Datasheet HTML 25Page - Sanyo Semicon Device EN6370B Datasheet HTML 26Page - Sanyo Semicon Device EN6370B Datasheet HTML 27Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LC75808W
No.6370-23/38
3. In sleep mode
• The pins KS1 to KS6 are set to high or low by the KC1 to KC6 bits in the control data.
• If a key on one of the lines corresponding to a KS1 to KS6 pin which is set high is pressed, the oscillator on the
OSC pin is started and a key scan is performed. Keys are scanned until all keys are released. Multiple key presses
are recognized by determining whether multiple key data bits are set.
• If a key is pressed for longer than 800T(s)(where T=
) the LC75808W outputs a key data read request (a
low level on DO) to the controller. The controller acknowledges this request and reads the key data. However, if
CE is high during a serial data transfer, DO will be set high.
• After the controller reads the key data, the key data read request is cleared (DO is set high) and the LC75808W
performs another key scan. However, this dose not clear sleep mode. Also note that DO, being an open-drain
output, requires a pull-up resistor (between 1 k
Ω and 10 kΩ).
• Sleep mode key scan example
Example: When the control data bits KC1 to KC5 are 0, KC6 is 1, and SP is 1. (sleep with only KS6 high)
Note: *4. These diodes are required to reliable recognize multiple key presses on the KS6 line when sleep mode state
with only KS6 high, as in the above example. That is, these diodes prevent incorrect operations due to sneak
currents in the KS6 key scan output signal when keys on the KS1 to KS5 lines are pressed at the same time.
Multiple Key Presses
Although the LC75808W is capable of key scanning without inserting diodes for dual key presses, triple key presses on
the KI1 to KI5 input pin lines, or multiple key presses on the KS1 to KS6 output pin lines, multiple presses other than
these cases may result in keys that were not pressed recognized as having been pressed. Therefore, a diode must be
inserted in series with each key. Applications that do not recognize multiple key presses of three or more keys should
check the key data for three or more 1 bits and ignore such data.
1
fOSC
800T [s]
800T [s]
Serial data
transfer
Serial data
transfer
Serial data
transfer
Key address(43H)
Key address
Key data read request
Key data read
Key data read
Key data read request
A12914
Key input
(KS6 line)
Key scan
CE
DI
DO
fosc
1
T=
[L] KS1
[L] KS2
[L] KS3
[L] KS4
[H] KS6
KI1
KI2
KI3
KI4
[L] KS5
KI5
*4
A12913
When any one of these keys is pressed,
the oscillator on the OSC pin is started
and the keys are scanned.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn