Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 22 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 22 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 18Page - Sanyo Semicon Device EN6370B Datasheet HTML 19Page - Sanyo Semicon Device EN6370B Datasheet HTML 20Page - Sanyo Semicon Device EN6370B Datasheet HTML 21Page - Sanyo Semicon Device EN6370B Datasheet HTML 22Page - Sanyo Semicon Device EN6370B Datasheet HTML 23Page - Sanyo Semicon Device EN6370B Datasheet HTML 24Page - Sanyo Semicon Device EN6370B Datasheet HTML 25Page - Sanyo Semicon Device EN6370B Datasheet HTML 26Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LC75808W
No.6370-22/38
Key Scan Operation Functions
1. Key scan timing
The key scan period is 384T(s). To reliably determine the on/off state of the keys, the LC75808W scans the keys
twice and determines that a key has been pressed when the key data agrees. It outputs a key data read request (a low
level on DO) 800T(s) after starting a key scan. If the key data dose not agree and a key was pressed at that point, it
scans the keys again. Thus the LC75808W cannot detect a key press shorter than 800T(s).
Note: *3. Note that the high/low states of these pins are determined by the KC1 to KC6 bits in the control data, and
that key scan output signals are not output from pins that are set to low.
2. In normal mode
• The pins KS1 to KS6 are set to high or low by the KC1 to KC6 bits in the control data.
• If a key on one of the lines corresponding to a KS1 to KS6 pin which is set high is pressed, a key scan is started
and the keys are scanned until all keys are released. Multiple key presses are recognized by determining whether
multiple key data bits are set.
• If a key is pressed for longer than 800T(s) (Where T=
) the LC75808W outputs a key data read request (a low
level on DO) to the controller. The controller acknowledges this request and reads the key data. However, if CE is
high during a serial data transfer, DO will be set high.
• After the controller reads the key data, the key data read request is cleared (DO is set high) and the LC75808W
performs another key scan. Also note that DO, being an open-drain output, requires a pull-up resistor (between 1k
Ω
and 10k
Ω).
1
fOSC
800T [s ]
800T [s]
800T [s ]
Serial data
transfer
Serial data
transfer
Serial data
transfer
Key address(43H)
Key address
Key address
Key data read request
Key data read
Key data read
Key data read request
Key data read
Key data read request
A12912
Key input 1
Key input 2
Key scan
CE
DI
DO
fosc
1
T=
1
*3
*3
KS1
2
*3
*3
KS2
3* 3
*3
KS3
4* 3
*3
KS4
5
1
2
3
4
5* 3
*3
KS5
6
768T [s]
6
A12911
*3
*3
KS6
Key on
fosc
1
T=


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com