Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6370B Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 12Page - Sanyo Semicon Device EN6370B Datasheet HTML 13Page - Sanyo Semicon Device EN6370B Datasheet HTML 14Page - Sanyo Semicon Device EN6370B Datasheet HTML 15Page - Sanyo Semicon Device EN6370B Datasheet HTML 16Page - Sanyo Semicon Device EN6370B Datasheet HTML 17Page - Sanyo Semicon Device EN6370B Datasheet HTML 18Page - Sanyo Semicon Device EN6370B Datasheet HTML 19Page - Sanyo Semicon Device EN6370B Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LC75808W
No.6370-16/38
Continued from preceding page.
Output Pin
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
S46
D361
D362
D363
D364
D365
D366
D367
D368
S47
D369
D370
D371
D372
D373
D374
D375
D376
S48
D377
D378
D379
D380
D381
D382
D383
D384
S49
D385
D386
D387
D388
D389
D390
D391
D392
S50
D393
D394
D395
D396
D397
D398
D399
D400
S51
D401
D402
D403
D404
D405
D406
D407
D408
S52
D409
D410
D411
D412
D413
D414
D415
D416
S53
D417
D418
D419
D420
D421
D422
D423
D424
S54
D425
D426
D427
D428
D429
D430
D431
D432
S55
D433
D434
D435
D436
D437
D438
D439
D440
S56
D441
D442
D443
D444
D445
D446
D447
D448
S57
D449
D450
D451
D452
D453
D454
D455
D456
S58
D457
D458
D459
D460
D461
D462
D463
D464
S59
D465
D466
D467
D468
D469
D470
D471
D472
S60
D473
D474
D475
D476
D477
D478
D479
D480
For example, the table below lists the segment output states for the S11 output pin.
Display data
D81
D82
D83
D84
D85
D86
D87
D88
Output pin state (S11)
0
0
0
0
0
0
0
0
The LCD segments for COM1 to COM8 are off
1
0
0
0
0
0
0
0
The LCD segment for COM1 is on
0
1
0
0
0
0
0
0
The LCD segment for COM2 is on
0
0
1
0
0
0
0
0
The LCD segment for COM3 is on
0
0
0
1
0
0
0
0
The LCD segment for COM4 is on
0
0
0
0
1
0
0
0
The LCD segment for COM5 is on
0
0
0
0
0
1
0
0
The LCD segment for COM6 is on
0
0
0
0
0
0
1
0
The LCD segment for COM7 is on
0
0
0
0
0
0
0
1
The LCD segment for COM8 is on
1
1
1
1
1
1
1
1
The LCD segments for COM1 to COM8 are on


Similar Part No. - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results

Similar Description - EN6370B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com