Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN6370B Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part No. EN6370B
Description  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6370B Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button EN6370B Datasheet HTML 10Page - Sanyo Semicon Device EN6370B Datasheet HTML 11Page - Sanyo Semicon Device EN6370B Datasheet HTML 12Page - Sanyo Semicon Device EN6370B Datasheet HTML 13Page - Sanyo Semicon Device EN6370B Datasheet HTML 14Page - Sanyo Semicon Device EN6370B Datasheet HTML 15Page - Sanyo Semicon Device EN6370B Datasheet HTML 16Page - Sanyo Semicon Device EN6370B Datasheet HTML 17Page - Sanyo Semicon Device EN6370B Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LC75808W
No.6370-14/38
4. SC: Segment on/off control data
This control data bit controls the on/off state of the segments.
SC
Display state
0
On
1
Off
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting
segment off waveforms from the segment output pins.
5. SP: Normal mode/sleep mode control data
This control data bit controls the normal mode and sleep mode.
BU
Mode
0
Normal mode
1
Sleep mode
The common and segment pins go to the VLCD4 level and the oscillator on the OSC pin is stopped (although it
operates during key scan operations) to reduce current drain. Note that the states of the general-purpose output ports
P1 to P4 are set by PC1 to PC4 in the control data during sleep mode as well as normal mode.
6. DT1, DT2: Display technique setting data
These control data bits set the display technique.
Output pins
DT1
DT2
Display technique
COM9
COM10
0
0
1/8 duty 1/4 bias drive
Fixed at the VLCD4 level
Fixed at the VLCD4 level
1
0
1/9 duty 1/4 bias drive
COM9
Fixed at the VLCD4 level
0
1
1/10 duty 1/4 bias drive
COM9
COM10
Note: COMn (n = 9 or 10): Common outputs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn