Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENN7632 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENN7632
Description  Key Scan IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENN7632 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENN7632 Datasheet HTML 1Page - Sanyo Semicon Device ENN7632 Datasheet HTML 2Page - Sanyo Semicon Device ENN7632 Datasheet HTML 3Page - Sanyo Semicon Device ENN7632 Datasheet HTML 4Page - Sanyo Semicon Device ENN7632 Datasheet HTML 5Page - Sanyo Semicon Device ENN7632 Datasheet HTML 6Page - Sanyo Semicon Device ENN7632 Datasheet HTML 7Page - Sanyo Semicon Device ENN7632 Datasheet HTML 8Page - Sanyo Semicon Device ENN7632 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
No. 7632-2/16
LC75700T
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
Input voltage
VIN1
CE, CL, DI, RES
–0.3 to +7.0
V
VIN2
OSC, KI1 to KI5
–0.3 to VDD + 0.3
Output voltage
VOUT1
DO
–0.3 to +7.0
V
VOUT2
OSC, KS1 to KS6, P1 to P4
–0.3 to VDD + 0.3
Output current
IOUT1
KS1 to KS6
1
mA
IOUT2
P1 to P4
5
Allowable power dissipation
Pd max
Ta = 85°C
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
5.0
5.5
V
Input high level voltage
VIH1
CE, CL, DI, RES
0.8 VDD
5.5
V
VIH2
KI1 to KI5
0.6 VDD
VDD
Input low level voltage
VIL
CE, CL, DI, RES, KI1 to KI5
0
0.2 VDD
V
Recommended external resistance
Rosc
OSC
39
k
Recommended external capacitance
Cosc
OSC
1000
pF
Guaranteed oscillator range
fosc
OSC
19
38
76
kHz
Low level clock pulse width
tøL
CL
See figure 1.
160
ns
High level clock pulse width
tøH
CL
See figure 1.
160
ns
Data setup time
tds
DI, CL
See figure 1.
160
ns
Data hold time
tdh
DI, CL
See figure 1.
160
ns
CE wait time
tcp
CE, CL
See figure 1.
160
ns
CE setup time
tcs
CE, CL
See figure 1.
160
ns
CE hold time
tch
CE, CL
See figure 1.
160
ns
DO output delay time
tdc
DO RPU = 4.7 kΩ, CL = 10 pF*1 See figure 1.
1.5
µs
DO rise time
tdr
DO RPU = 4.7 kΩ, CL = 10 pF*1 See figure 1.
1.5
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Note: *1. Since DO is an open-drain output, these times depend on the values of the pull-up resistor RPU and the load capacitance CL.


Similar Part No. - ENN7632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENN7159 SANYO-ENN7159 Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
ENN7249 SANYO-ENN7249 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
ENN7354A SANYO-ENN7354A Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
ENN7356A SANYO-ENN7356A Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
ENN7357A SANYO-ENN7357A Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - ENN7632

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
logo
Integrated Silicon Solu...
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
   DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
   LCD Driver (19x4) with Key Scan (4x8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com