Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83877 Datasheet(PDF) 12 Page - Winbond

Part # W83877
Description  WINBOND I/O
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877 Datasheet(HTML) 12 Page - Winbond

Back Button W83877 Datasheet HTML 8Page - Winbond W83877 Datasheet HTML 9Page - Winbond W83877 Datasheet HTML 10Page - Winbond W83877 Datasheet HTML 11Page - Winbond W83877 Datasheet HTML 12Page - Winbond W83877 Datasheet HTML 13Page - Winbond W83877 Datasheet HTML 14Page - Winbond W83877 Datasheet HTML 15Page - Winbond W83877 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
W83877F
- 12 -
1.4 Multi-Mode Parallel Port, continued
SYMBOL
PIN
I/O
FUNCTION
INIT
21
OD12
OD12
OUT12t
OD12
OUT12t
PRINTER MODE: INIT
Output line for the printer initialization. This pin is pulled high
internally. Refer to the description of the parallel port for the
definition of this pin in ECP and EPP mode.
EXTENSION FDD MODE: DIR2
This pin is for Extension FDD B; its function is the same as that
of the DIR pin.
EXTENSION ADAPTER MODE: XDACK
This pin is the DMA acknowledge output for the Extension
Adapter; the output is sent directly from PDACKX .
EXTENSION 2FDD MODE: DIR2
This pin is for Extension FDD A and B; its function is the same
as that of the DIR pin.
JOYSTICK MODE: VDD for joystick.
AFD
20
OD12
OD12
OUT12t
OD12
OUT12t
PRINTER MODE: AFD
An active low output from this pin causes the printer to auto feed
a line after a line is printed. This pin is pulled high internally.
Refer to the description of the parallel port for the definition of
this pin in ECP and EPP mode.
EXTENSION FDD MODE: RWC2
This pin is for Extension FDD B; its function is the same as that
of the RWC pin.
EXTENSION ADAPTER MODE: XRD
This pin is the I/O read command for the Extension Adapter.
When the Extension Adapter base address is written to the
Extension Adapter address register, XRD and XWR go low
simultaneously so that the command register on the Extension
Adapter can latch the same base address.
EXTENSION 2FDD MODE: RWC2
This pin is for Extension FDD A and B; its function is the same
as that of the RWC pin.
JOYSTICK MODE: VDD for joystick.


Similar Part No. - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATD WINBOND-W83877ATD Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
   I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
   I/O chip disk drive adapter
More results

Similar Description - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com