Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1111A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1111A
Description  UHF Wide-band Low-noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1111A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1111A Datasheet HTML 1Page - Sanyo Semicon Device ENA1111A Datasheet HTML 2Page - Sanyo Semicon Device ENA1111A Datasheet HTML 3Page - Sanyo Semicon Device ENA1111A Datasheet HTML 4Page - Sanyo Semicon Device ENA1111A Datasheet HTML 5Page - Sanyo Semicon Device ENA1111A Datasheet HTML 6Page - Sanyo Semicon Device ENA1111A Datasheet HTML 7Page - Sanyo Semicon Device ENA1111A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
55GN01CA
No. A1111-4/8
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.949
-22.44
3.333
161.77
0.051
76.83
0.974
-10.27
200
0.896
-42.53
3.106
145.66
0.096
64.91
0.926
-19.70
400
0.771
-76.67
2.521
119.93
0.149
47.18
0.801
-32.90
600
0.679
-102.20
2.043
101.07
0.167
38.13
0.714
-40.64
800
0.622
-122.03
1.712
86.82
0.169
34.45
0.661
-46.50
1000
0.585
-138.21
1.490
75.34
0.164
35.98
0.642
-51.94
1200
0.566
-152.02
1.321
65.79
0.158
41.97
0.633
-56.73
1400
0.555
-163.57
1.192
57.95
0.167
51.00
0.636
-62.43
1600
0.550
-173.92
1.101
51.64
0.189
57.12
0.653
-68.80
1800
0.545
176.42
1.027
45.83
0.209
64.08
0.665
-74.79
2000
0.543
167.94
0.963
41.62
0.262
70.03
0.683
-80.37
VCE=5V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.849
-36.58
8.604
151.45
0.047
69.52
0.908
-19.05
200
0.719
-65.72
7.078
130.50
0.077
58.46
0.768
-32.07
400
0.543
-104.50
4.701
105.14
0.109
49.29
0.576
-42.71
600
0.466
-128.63
3.425
90.40
0.126
50.26
0.500
-47.19
800
0.434
-145.01
2.697
79.88
0.141
53.53
0.463
-51.04
1000
0.417
-157.80
2.265
71.34
0.162
57.40
0.455
-55.89
1200
0.414
-167.96
1.951
63.80
0.183
60.44
0.454
-60.20
1400
0.415
-176.38
1.735
57.35
0.214
63.33
0.460
-65.55
1600
0.418
175.97
1.591
51.56
0.245
61.95
0.473
-71.92
1800
0.421
169.02
1.462
45.89
0.266
63.26
0.487
-77.11
2000
0.426
163.03
1.370
41.27
0.313
65.05
0.508
-81.84
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.765
-46.98
12.335
143.95
0.044
67.33
0.845
-24.79
200
0.598
-80.18
9.191
121.62
0.066
56.98
0.662
-37.77
400
0.442
-118.84
5.505
99.01
0.093
54.34
0.476
-45.43
600
0.392
-140.14
3.887
86.64
0.118
58.30
0.418
-48.57
800
0.374
-154.61
3.029
77.50
0.143
61.09
0.392
-52.48
1000
0.367
-165.56
2.520
70.15
0.169
63.39
0.389
-57.19
1200
0.367
-174.16
2.162
63.07
0.197
64.83
0.391
-61.75
1400
0.373
179.13
1.916
57.27
0.232
65.23
0.398
-67.63
1600
0.378
172.36
1.749
51.58
0.263
62.63
0.412
-74.04
1800
0.384
166.49
1.606
46.28
0.284
62.94
0.424
-79.34
2000
0.391
161.65
1.501
41.77
0.331
63.69
0.445
-83.92
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.604
-65.10
17.802
131.98
0.037
62.29
0.725
-33.04
200
0.444
-100.60
11.395
111.07
0.056
60.51
0.514
-43.72
400
0.347
-135.89
6.264
92.91
0.085
63.77
0.367
-46.89
600
0.325
-153.23
4.335
82.90
0.117
66.77
0.332
-49.51
800
0.319
-164.36
3.342
75.17
0.148
67.58
0.321
-54.09
1000
0.321
-173.02
2.760
68.51
0.181
67.37
0.321
-59.12
1200
0.326
-179.73
2.364
62.39
0.211
67.45
0.327
-64.26
1400
0.336
174.71
2.089
57.19
0.249
66.65
0.337
-70.42
1600
0.343
169.12
1.904
51.75
0.280
62.79
0.350
-77.67
1800
0.349
164.16
1.741
46.76
0.300
62.41
0.361
-82.73
2000
0.358
160.18
1.629
42.30
0.347
62.24
0.382
-87.25


Similar Part No. - ENA1111A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1111 SANYO-ENA1111 Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
More results

Similar Description - ENA1111A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
   UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com