Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7483A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EN7483A
Description  Low-Frequency General-Purpose Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN7483A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EN7483A Datasheet HTML 1Page - Sanyo Semicon Device EN7483A Datasheet HTML 2Page - Sanyo Semicon Device EN7483A Datasheet HTML 3Page - Sanyo Semicon Device EN7483A Datasheet HTML 4Page - Sanyo Semicon Device EN7483A Datasheet HTML 5Page - Sanyo Semicon Device EN7483A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12A02MH
No.7483-1/6
Applications
Low-frequency Amplifier, high-speed switching, small motor drive, muting circuit
Features
Large current capacity
Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=285m
Ω [IC=1A, IB=50mA]
Small ON-resistance (Ron)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--15
V
Collector-to-Emitter Voltage
VCEO
--12
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--1
A
Collector Current (Pulse)
ICP
--2
A
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-004
Ordering number : EN7483A
90512 TKIM/O2203 TSIM TA-100608
SANYO Semiconductors
DATA SHEET
12A02MH
PNP Epitaxial Planar Silicon Transistor
Low-Frequency General-Purpose
Amplifier Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
TL
12A02MH-TL-E
AK
3
2
1


Similar Part No. - EN7483A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7483A ONSEMI-EN7483A Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
More results

Similar Description - EN7483A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com