Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK715 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK715
Description  AM Tuner, RF Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK715 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK715_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SK715_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SK715
No.2543-1/7
Applications
AM tuner RF amp, low-noise amp
HF low-noise amp
Features
Adoption of FBET process
Large
⏐yfs⏐
Small Ciss
Very low noise figure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
15
V
Gate-to-Drain Voltage
VGDS
--15
V
Gate Current
IG
10
mA
Drain Current
ID
50
mA
Allowable Power Dissipation
PD
300
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7524-005
N1412 TKIM/42899TH (KT)/4237TA, TS
SANYO Semiconductors
DATA SHEET
2SK715
http://www.sanyosemi.com/en/network/
Ordering number : EN2543A
Product & Package Information
• Package
: SPA
• JEITA, JEDEC
: SC-72
• Minimum Packing Quantity : 2,500 pcs./box
Marking
Electrical Connection
N-Channel Junction Silicon FET
AM Tuner, RF Amplifier Applications
12
3
4.0
3.8
3.0
2.2
0.4
0.4
0.4
0.5
1.3
1.3
1 : Source
2 : Gate
3 : Drain
SANYO : SPA
2SK715U-AC
2SK715V-AC
K715
LOT No.
1
3
2


Similar Part No. - 2SK715_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK715U-AC ONSEMI-2SK715U-AC Datasheet
622Kb / 5P
   N-Channel JFET
March 2015 - Rev. 1
2SK715V-AC ONSEMI-2SK715V-AC Datasheet
622Kb / 5P
   N-Channel JFET
March 2015 - Rev. 1
logo
Sanyo Semicon Device
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
   AM Tuner, RF Amplifi er Applications
logo
ON Semiconductor
2SK715W-AC ONSEMI-2SK715W-AC Datasheet
622Kb / 5P
   N-Channel JFET
March 2015 - Rev. 1
More results

Similar Description - 2SK715_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC21 SANYO-FC21 Datasheet
31Kb / 5P
   High-Frequency Amplifier, AM tuner RF Amplifier Applications
2SK427 SANYO-2SK427 Datasheet
159Kb / 6P
   AM Tuner RF Amp Applications
2SK715 SANYO-2SK715 Datasheet
77Kb / 3P
   AM Tuner RF Amp Applications?
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
   AM Tuner, RF Amplifi er Applications
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
logo
Toshiba Semiconductor
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
   TV Tuner, UHF RF Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
logo
Panasonic Semiconductor
AN7273 PANASONIC-AN7273 Datasheet
81Kb / 5P
   AM Tuner, FM/AM IF Amplifier Circuit
AN7218 PANASONIC-AN7218 Datasheet
328Kb / 4P
   AM Tuner, FM-AM IF Amplifier Circuit
logo
Toshiba Semiconductor
3SK232 TOSHIBA-3SK232_07 Datasheet
423Kb / 4P
   TV Tuner, UHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com