Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1092A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA1092A
Description  VHF Low-Noise Amplifier, OSC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1092A Datasheet(HTML) 6 Page - Sanyo Semicon Device

  ENA1092A Datasheet HTML 1Page - Sanyo Semicon Device ENA1092A Datasheet HTML 2Page - Sanyo Semicon Device ENA1092A Datasheet HTML 3Page - Sanyo Semicon Device ENA1092A Datasheet HTML 4Page - Sanyo Semicon Device ENA1092A Datasheet HTML 5Page - Sanyo Semicon Device ENA1092A Datasheet HTML 6Page - Sanyo Semicon Device ENA1092A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC5536A
No. A1092-6/7
Outline Drawing
Land Pattern Example
2SC5536A-TL-H
Mass (g) Unit
0.0018
* For reference mm
Unit: mm
0.5
0.45
0.45
0.45 0.45


Similar Part No. - ENA1092A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1092A ONSEMI-ENA1092A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
More results

Similar Description - ENA1092A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
   VHF Low-Noise Amplifier , OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
   VHF Low-Noise Amplifier, OSC Applications
EC3H03B SANYO-EC3H03B Datasheet
27Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
EC3H01B SANYO-EC3H01B Datasheet
26Kb / 5P
   VHF Band Low-Noise Amplifer and OSC Applications
EC3H03BA SANYO-EC3H03BA Datasheet
71Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier and OSC Applications
logo
Toshiba Semiconductor
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
   VHF-UHF Low Noise Amplifier Applications
logo
Sanyo Semicon Device
EC3H04C SANYO-EC3H04C Datasheet
33Kb / 6P
   High-Frequency Low-Noise Amplifier and OSC Applications
2SC5781 SANYO-2SC5781 Datasheet
52Kb / 7P
   High-Frequency Low-Noise Amplifier and OSC Applications
EC3H04B SANYO-EC3H04B Datasheet
34Kb / 6P
   High-Frequency Low-Noise Amplifier and OSC Applications
2SC5665 SANYO-2SC5665 Datasheet
36Kb / 7P
   High-Frequency Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com