Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5551A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5551A
Description  High-Frequency Medium-Output Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5551A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5551A_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5551A_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5551A_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5551A_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5551A_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5551A_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5551A
No. A1118-1/6
Features
High fT : (fT=3.5GHz typ)
Large current : (IC=300mA)
Large allowable collector dissipation (1.3W max)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
40
V
Collector-to-Emitter Voltage
VCEO
30
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
300
mA
Collector Current (Pulse)
ICP
600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : ENA1118A
80812 TKIM/D0209AB TKIM TC-00002042
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SC5551AE-TD-E
2SC5551AF-TD-E
RANK
2
3
1
2SC5551A
NPN Epitaxial Planar Silicon Transistor
High-Frequency Medium-Output
Amplifier Applications


Similar Part No. - 2SC5551A_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5551AE-TD-E ONSEMI-2SC5551AE-TD-E Datasheet
299Kb / 6P
   RF Transistor
August, 2013
logo
Sanyo Semicon Device
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
logo
ON Semiconductor
2SC5551AF-TD-E ONSEMI-2SC5551AF-TD-E Datasheet
299Kb / 6P
   RF Transistor
August, 2013
More results

Similar Description - 2SC5551A_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SC5551 SANYO-2SC5551 Datasheet
43Kb / 5P
   High-Frequency Medium-Output Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
   High-Frequency Medium-Output Amplifier Applications
2SA1969 SANYO-2SA1969 Datasheet
111Kb / 4P
   High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
   High-frequency Medium-power Amplifier Applications
CPH3004 SANYO-CPH3004 Datasheet
48Kb / 7P
   High-Frequency Medium-Power Amplifier Applications
CPH6003A SANYO-CPH6003A_12 Datasheet
536Kb / 7P
   High-frequency Medium-power Amplifier Applications
CPH6003A-D SANYO-CPH6003A-D Datasheet
531Kb / 7P
   High-frequency Medium-power Amplifier Applications
2SC5347A SANYO-2SC5347A Datasheet
78Kb / 6P
   High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com