Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1089A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1089A
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1089A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1089A Datasheet HTML 1Page - Sanyo Semicon Device ENA1089A Datasheet HTML 2Page - Sanyo Semicon Device ENA1089A Datasheet HTML 3Page - Sanyo Semicon Device ENA1089A Datasheet HTML 4Page - Sanyo Semicon Device ENA1089A Datasheet HTML 5Page - Sanyo Semicon Device ENA1089A Datasheet HTML 6Page - Sanyo Semicon Device ENA1089A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC5488A
No. A1089-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=20mA
90
200
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
5
7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.7
1.2
pF
Reverse Transfer Capacitance
Cre
0.45
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=20mA, f=1GHz
9
12
dB
⏐S21e⏐
22VCE=2V, IC=3mA, f=1GHz
8.5
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.0
1.8
dB
Ordering Information
Device
Package
Shipping
memo
2SC5488A-TL-H
SSFP
8,000pcs./reel
Pb Free and Halogem Free


Similar Part No. - ENA1089A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1080A SANYO-ENA1080A Datasheet
398Kb / 8P
   High-Frequency Low-Noise Amplifier Applications
logo
ON Semiconductor
ENA1080A ONSEMI-ENA1080A Datasheet
296Kb / 8P
   RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
logo
Sanyo Semicon Device
ENA1083 SANYO-ENA1083 Datasheet
473Kb / 65P
   For cell phone LED driver
ENA1084 SANYO-ENA1084 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1084A SANYO-ENA1084A Datasheet
515Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1089A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5501 SANYO-2SC5501 Datasheet
46Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H05B SANYO-EC3H05B Datasheet
25Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com