Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7920B Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EN7920B
Description  High-Current Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN7920B Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EN7920B Datasheet HTML 1Page - Sanyo Semicon Device EN7920B Datasheet HTML 2Page - Sanyo Semicon Device EN7920B Datasheet HTML 3Page - Sanyo Semicon Device EN7920B Datasheet HTML 4Page - Sanyo Semicon Device EN7920B Datasheet HTML 5Page - Sanyo Semicon Device EN7920B Datasheet HTML 6Page - Sanyo Semicon Device EN7920B Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA2124
No.7920-4/7
0
1.4
0.6
0.8
1.0
1.2
1.3
0.4
0.2
20
060
40
80
100
140
120
160
PC -- Ta
IT07256
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(450mm
2
0.8mm)
PC -- Tc
Case Temperature, Tc --
°C
4.0
0.5
0
160
20
0
IT08355
40
60
80
1.0
1.5
2.0
2.5
3.0
3.5
100
120
140


Similar Part No. - EN7920B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7920B ONSEMI-EN7920B Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
More results

Similar Description - EN7920B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com