Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2016 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # 2SA2016
Description  DC / DC Converter Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2016 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  2SA2016_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 7Page - Sanyo Semicon Device 2SA2016_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SA2016 / 2SC5569
No.6309-7/8
Outline Drawing
Land Pattern Example
2SA2016-TD-E, 2SC5569-TD-E
Mass (g) Unit
0.058
* For reference mm
Unit: mm
2.2
1.0
1.5
3.0
1.0
45°
45°


Similar Part No. - 2SA2016_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA2016-AB3-R UTC-2SA2016-AB3-R Datasheet
110Kb / 6P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
2SA2016-TD-E ONSEMI-2SA2016-TD-E Datasheet
359Kb / 8P
   Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Sanyo Semicon Device
2SA2016-TD-E SANYO-2SA2016-TD-E Datasheet
472Kb / 8P
   DC / DC Converter Applications
logo
Unisonic Technologies
2SA2016L-AB3-R UTC-2SA2016L-AB3-R Datasheet
110Kb / 6P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Sanyo Semicon Device
2SA2016 SANYO-2SA2016_05 Datasheet
63Kb / 5P
   DC / DC Converter Applications
More results

Similar Description - 2SA2016_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com