Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4027 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4027
Description  High-Voltage Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4027 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4027 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 8Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SA1552/2SC4027
No. 2262-1/10
Applications
Converters, inverters, color TV audio output
Features
Adoption of FBET, MBIT processes
High voltage and large current capacity
Ultrahigh-speed switching
Small and slim package permitting 2SA1552 / 2SC4027-applied sets to be made more compact
Specifications ( ): 2SA1552
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2262E
60612 TKIM/91708 TIIM TC-00001624/D0505CB MSIM X-0448/53002RM (KT)/72098HA (KT)/8109MO/5137TA, TS
SANYO Semiconductors
DATA SHEET
2SA1552/2SC4027
PNP/NPN Epitaxial Planar Silicon Transistor
High-Voltage Switching
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
2SA1552S-E
2SA1552S-H
2SA1552T-E
2SA1552T-H
2SC4027S-E
2SC4027S-H
2SC4027T-E
2SC4027T-H
2SA1552S-TL-E
2SA1552S-TL-H
2SA1552T-TL-E
2SA1552T-TL-H
2SC4027S-TL-E
2SC4027S-TL-H
2SC4027T-TL-E
2SC4027T-TL-H
2,4
3
1
2SC4027
2,4
3
1
2SA1552
A1552
C4027
LOT No.
RANK
LOT No.
RANK


Similar Part No. - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
129Kb / 4P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
135Kb / 4P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SC4027 KEXIN-2SC4027 Datasheet
46Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
151Kb / 5P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
174Kb / 5P
   High-Voltage Switching Applications
More results

Similar Description - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com