Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2812N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC2812N
Description  Low-Frequency General-Purpose Amp Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2812N Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC2812N Datasheet HTML 1Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 2Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 3Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 4Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 5Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 6Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA1179N/2SC2812N
No.7198-1/7
Features
Miniature package facilitates miniaturization in end products
High breakdown voltage
Specifications ( ) : 2SA1179N
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)55
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)150
mA
Collector Current (Pulse)
ICP
(--)300
mA
Base Current
IB
(--)30
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7053-001
Ordering number : EN7198B
91912 TKIM/92006 MSIM TC-00000143,00000144/72602 TSIM TA-2636, 2637
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: CPA
• JEITA, JEDEC
: SC-59, TO-236, SOT-23,
TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
TB
1 : Base
2 : Emitter
3 : Collector
SANYO : CPA
2.93
1.9
0.95
0.45
1.3 MAX
3
1
2
0.13
0 to 0.1
M
L
2SC2812N
2SA1179N
2SA1179N6-TB-E
2SA1179N6-CPA-TB-E
2SC2812N6-TB-E
2SC2812N6-CPA-TB-E
2SA1179N/2SC2812N
PNP / NPN Epitaxial Planar Silicon Transistor
Low-Frequency General-Purpose
Amp Applications


Similar Part No. - 2SC2812N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2812N SANYO-2SC2812N Datasheet
41Kb / 3P
   2SA1179N
2SC2812N SANYO-2SC2812N Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
logo
ON Semiconductor
2SC2812N6-CPA-TB-E ONSEMI-2SC2812N6-CPA-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SC2812N6-TB-E ONSEMI-2SC2812N6-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SC2812N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
   Low-Frequency General-Purpose Amp Applications????
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
FC117 SANYO-FC117 Datasheet
75Kb / 3P
   Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
   Low-Frequency General-Purpose Amp Applications
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
   Low-Frequency General-Purpose Amp Applications??????????
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com