Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BR-25 Datasheet(PDF) 6 Page - Winbond

Part # W83195BR-25
Description  200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-25 Datasheet(HTML) 6 Page - Winbond

Back Button W83195BR-25 Datasheet HTML 2Page - Winbond W83195BR-25 Datasheet HTML 3Page - Winbond W83195BR-25 Datasheet HTML 4Page - Winbond W83195BR-25 Datasheet HTML 5Page - Winbond W83195BR-25 Datasheet HTML 6Page - Winbond W83195BR-25 Datasheet HTML 7Page - Winbond W83195BR-25 Datasheet HTML 8Page - Winbond W83195BR-25 Datasheet HTML 9Page - Winbond W83195BR-25 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
W83195BR-25
PRELIMINARY
Publication Release Date: May 2000
- 6 -
Revision 0.52
6. SERIAL CONTROL REGISTERS
The Pin column lists the affected pin number and the @PowerUp column gives the state at true
power up. Registers are set to the values shown only on true power up. "Command Code" byte and
"Byte Count" byte must be sent following the acknowledge of the Address Byte. Although the data
(bits) in these two bytes are considered "don't care", they must be sent and will be acknowledge.
After that, the below described sequence (Register 0, Register 1, Register 2, ....) will be valid and
acknowledged.
Frequency Table Setting by I2C (SEL5 ~ SEL0)
SSEL5 SSEL4 SSEL3 SSEL2 SSEL1 SSEL0
CPU
(MHz)
SDRAM
(MHz)
3V66
(MHz)
PCI(MHz)
IOAPIC
(MHz)
0
0
0
0
0
0
55.00
82.50
55.00
27.50
13.75
0
0
0
0
0
1
60.00
90.00
60.00
30.00
15.00
0
0
0
0
1
0
66.80
100.20
66.80
33.40
16.70
0
0
0
0
1
1
68.33
102.50
68.33
34.17
17.08
0
0
0
1
0
0
70.00
105.00
70.00
35.00
17.50
0
0
0
1
0
1
72.00
108.00
72.00
36.00
18.00
0
0
0
1
1
0
75.00
112.50
75.00
37.50
18.75
0
0
0
1
1
1
77.00
115.50
77.00
38.50
19.25
0
0
1
0
0
0
83.30
83.30
55.53
27.77
13.88
0
0
1
0
0
1
90.00
90.00
60.00
30.00
15.00
0
0
1
0
1
0
100.30
100.30
66.87
33.43
16.72
0
0
1
0
1
1
103.00
103.00
68.67
34.33
17.17
0
0
1
1
0
0
112.50
112.50
75.00
37.50
18.75
0
0
1
1
0
1
115.00
115.00
76.67
38.33
19.17
0
0
1
1
1
0
120.00
120.00
80.00
40.00
20.00
0
0
1
1
1
1
125.00
125.00
83.33
41.67
20.83
0
1
0
0
0
0
128.00
128.00
64.00
32.00
16.00
0
1
0
0
0
1
130.00
130.00
65.00
32.50
16.25
0
1
0
0
1
0
133.70
133.70
66.85
33.43
16.71
0
1
0
0
1
1
137.00
137.00
68.50
34.25
17.13
0
1
0
1
0
0
140.00
140.00
70.00
35.00
17.50
0
1
0
1
0
1
145.00
145.00
72.50
36.25
18.13
0
1
0
1
1
0
150.00
150.00
75.00
37.50
18.75
0
1
0
1
1
1
153.33
153.33
76.67
38.33
19.17
0
1
1
0
0
0
125.00
93.75
62.50
31.25
15.63
0
1
1
0
0
1
130.00
97.50
65.00
32.50
16.25
0
1
1
0
1
0
133.70
100.28
66.85
33.43
16.71
0
1
1
0
1
1
137.00
102.75
68.50
34.25
17.13
0
1
1
1
0
0
140.00
105.00
70.00
35.00
17.50
0
1
1
1
0
1
145.00
108.75
72.50
36.25
18.13


Similar Part No. - W83195BR-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195BR-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-C WINBOND-W83194BR-C Datasheet
215Kb / 13P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com