Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BR-25 Datasheet(PDF) 5 Page - Winbond

Part # W83195BR-25
Description  200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-25 Datasheet(HTML) 5 Page - Winbond

  W83195BR-25 Datasheet HTML 1Page - Winbond W83195BR-25 Datasheet HTML 2Page - Winbond W83195BR-25 Datasheet HTML 3Page - Winbond W83195BR-25 Datasheet HTML 4Page - Winbond W83195BR-25 Datasheet HTML 5Page - Winbond W83195BR-25 Datasheet HTML 6Page - Winbond W83195BR-25 Datasheet HTML 7Page - Winbond W83195BR-25 Datasheet HTML 8Page - Winbond W83195BR-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
W83195BR-25
PRELIMINARY
Publication Release Date: May 2000
- 5 -
Revision 0.52
5.0 Frequency Selection BY hardware
FS4
FS3
FS2
FS1
FS0
CPU(MHz)
SDRAM(MHz)
3V66(MHz)
PCI(MHz)
IOAPIC
(MHz)
0
0
0
0
0
55.00
82.50
55.00
27.50
13.75
0
0
0
0
1
60.00
90.00
60.00
30.00
15.00
0
0
0
1
0
66.80
100.20
66.80
33.40
16.70
0
0
0
1
1
68.33
102.50
68.33
34.17
17.08
0
0
1
0
0
70.00
105.00
70.00
35.00
17.50
0
0
1
0
1
72.00
108.00
72.00
36.00
18.00
0
0
1
1
0
75.00
112.50
75.00
37.50
18.75
0
0
1
1
1
77.00
115.50
77.00
38.50
19.25
0
1
0
0
0
83.30
83.30
55.53
27.77
13.88
0
1
0
0
1
90.00
90.00
60.00
30.00
15.00
0
1
0
1
0
100.30
100.30
66.87
33.43
16.72
0
1
0
1
1
103.00
103.00
68.67
34.33
17.17
0
1
1
0
0
112.50
112.50
75.00
37.50
18.75
0
1
1
0
1
115.00
115.00
76.67
38.33
19.17
0
1
1
1
0
120.00
120.00
80.00
40.00
20.00
0
1
1
1
1
125.00
125.00
83.33
41.67
20.83
1
0
0
0
0
128.00
128.00
64.00
32.00
16.00
1
0
0
0
1
130.00
130.00
65.00
32.50
16.25
1
0
0
1
0
133.70
133.70
66.85
33.43
16.71
1
0
0
1
1
137.00
137.00
68.50
34.25
17.13
1
0
1
0
0
140.00
140.00
70.00
35.00
17.50
1
0
1
0
1
145.00
145.00
72.50
36.25
18.13
1
0
1
1
0
150.00
150.00
75.00
37.50
18.75
1
0
1
1
1
153.33
153.33
76.67
38.33
19.17
1
1
0
0
0
125.00
93.75
62.50
31.25
15.63
1
1
0
0
1
130.00
97.50
65.00
32.50
16.25
1
1
0
1
0
133.70
100.28
66.85
33.43
16.71
1
1
0
1
1
137.00
102.75
68.50
34.25
17.13
1
1
1
0
0
140.00
105.00
70.00
35.00
17.50
1
1
1
0
1
145.00
108.75
72.50
36.25
18.13
1
1
1
1
0
150.00
112.50
75.00
37.50
18.75
1
1
1
1
1
153.33
115.00
76.67
38.33
19.17


Similar Part No. - W83195BR-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195BR-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-C WINBOND-W83194BR-C Datasheet
215Kb / 13P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-97 WINBOND-W83194BR-97 Datasheet
207Kb / 11P
   200MHZ CLOCK FOR CAMINO CHIPSET
logo
Cypress Semiconductor
C9835 CYPRESS-C9835 Datasheet
343Kb / 18P
   Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com