Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25VN02-DGTR Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM25VN02-DGTR
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25VN02-DGTR Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM25VN02-DGTR Datasheet HTML 2Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 3Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 4Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 5Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 6Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 7Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 8Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 9Page - Cypress Semiconductor FM25VN02-DGTR Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 3.0
Jan. 2012
Page 6 of 17
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /W pin must be high or inactive. Prior
to sending the WRSR command, the user must send
a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25V02 are
multi-tiered. Taking the /W pin to a logic low state is
the hardware write-protect function. Status Register
write operations are blocked when /W is low. To
write the memory with /W high, a WREN op-code
must first be issued. Assuming that writes are enabled
using WREN and by /W, writes to memory are
controlled by the Status Register. As described
above, writes to the Status Register are performed
using the WRSR command and subject to the /W pin.
The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0, and cannot can be
modified. Note that bit 0 (“Ready” in Serial Flash) is
unnecessary as the F-RAM writes in real-time and is
never busy, so it reads out as a ‘0’.
There is an
exception to this when the device is waking up from
Sleep Mode, which is described on the following
page.
The BP1 and BP0 control software write
protection features. They are nonvolatile (shaded
yellow). The WEL flag indicates the state of the
Write Enable Latch. Attempting to directly write the
WEL bit in the Status Register has no effect on its
state. This bit is internally set and cleared via the
WREN and WRDI commands, respectively.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
6000h to 7FFFh (upper ¼)
1
0
4000h to 7FFFh (upper ½)
1
1
0000h to 7FFFh (all)
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The WPEN bit controls the effect of the hardware /W
pin. When WPEN is low, the /W pin is ignored.
When WPEN is high, the /W pin controls write
access to the Status Register. Thus the Status Register
is write protected if WPEN=1 and /W=0.
This scheme provides a write protection mechanism,
which can prevent software from writing the memory
under any circumstances. This occurs if the BP1 and
S
C
D
Q
S
C
D
Q


Similar Part No. - FM25VN02-DGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25VN02-DGTR RAMTRON-FM25VN02-DGTR Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25VN02-DGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com