Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040B-GTR Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # FM25040B-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25040B-GTR Datasheet(HTML) 2 Page - Cypress Semiconductor

  FM25040B-GTR Datasheet HTML 1Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 2Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 2 of
13
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
64 x 64
FRAM Array
9
Data I/O Register
8
Nonvolatile Status
Register
2
WP
CS
HOLD
SCK
SO
SI
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/CS
Input
Chip Select. This active-low input activates the device. When high, the device enters low-
power standby mode, ignores other inputs, and all outputs are tri-stated. When low, the
device internally activates the SCK signal. A falling edge on /CS must occur prior to every
op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the
rising edge and outputs occur on the falling edge. Since the device is static, the clock
frequency may be any value between 0 and 20 MHz and may be interrupted at any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation for
another task. When /HOLD is low, the current operation is suspended. The device ignores
any transition on SCK or /CS. All transitions on /HOLD must occur while SCK is low.
/WP
Input
Write Protect: This active-low pin prevents all write operations, including those to the
status register. If high, write access is determined by the other write protection features, as
controlled through the status register. A complete explanation of write protection is
provided on page 6.
SI
Input
Serial Input: All input data is driven to this pin. The pin is sampled on the rising edge of
SCK and is ignored at other times. It should always be driven to a valid logic level to meet
IDD specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: SO is the data output pin. It is driven actively during a read and remains tri-
state at all other times including when /HOLD is low. Data transitions are driven on the
falling edge of the serial clock.
* SO can be connected to SI for a single pin data interface since the part communicates in
half-duplex fashion.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground


Similar Part No. - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B-GTR RAMTRON-FM25040B-GTR Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com