Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25CL64B-G Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM25CL64B-G
Description  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25CL64B-G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM25CL64B-G Datasheet HTML 5Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 6Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 7Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 8Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 9Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 10Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 11Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 12Page - Cypress Semiconductor FM25CL64B-G Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 9 of 14
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
3.3
3.65
V
IDD
VDD Supply Current
@ SCK = 1.0 MHz
@ SCK = 20.0 MHz
-
-
0.2
3.0
mA
mA
1
ISB
Standby Current
-
3
6
A
2
ILI
Input Leakage Current
-
1
A
3
ILO
Output Leakage Current
-
1
A
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VSS  VIN  VDD and VSS  VOUT  VDD.
4.
Characterized but not 100% tested in production. Applies only to /CS and SCK pins.


Similar Part No. - FM25CL64B-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64B-G RAMTRON-FM25CL64B-G Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-G CYPRESS-FM25CL64B-G Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM25CL64B-GATR CYPRESS-FM25CL64B-GATR Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B-GTR RAMTRON-FM25CL64B-GTR Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com