Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24CL16B Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FM24CL16B
Description  16Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL16B Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM24CL16B Datasheet HTML 3Page - Cypress Semiconductor FM24CL16B Datasheet HTML 4Page - Cypress Semiconductor FM24CL16B Datasheet HTML 5Page - Cypress Semiconductor FM24CL16B Datasheet HTML 6Page - Cypress Semiconductor FM24CL16B Datasheet HTML 7Page - Cypress Semiconductor FM24CL16B Datasheet HTML 8Page - Cypress Semiconductor FM24CL16B Datasheet HTML 9Page - Cypress Semiconductor FM24CL16B Datasheet HTML 10Page - Cypress Semiconductor FM24CL16B Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FM24CL16B - 16Kb 3V I2C F-RAM
Rev. 3.0
Jan. 2012
Page 7 of 13
simultaneously aborts the write operation and allows
the read command to be issued with the slave address
set to 1. The operation is now a current address read.
This operation is illustrated in Figure 9.
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL16
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL16
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24CL16
Start
Address
Stop
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address
0
Word Address
A
Start
Address
Acknowledge
Figure 9. Selective (Random) Read


Similar Part No. - FM24CL16B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM24CL16B-DG RAMTRON-FM24CL16B-DG Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DG CYPRESS-FM24CL16B-DG Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-DGTR RAMTRON-FM24CL16B-DGTR Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-DGTR CYPRESS-FM24CL16B-DGTR Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL16B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com