Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194R-630A Datasheet(PDF) 11 Page - Winbond

Part # W83194R-630A
Description  166MHZ CLOCK FOR SIS CHIPSET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-630A Datasheet(HTML) 11 Page - Winbond

Back Button W83194R-630A Datasheet HTML 3Page - Winbond W83194R-630A Datasheet HTML 4Page - Winbond W83194R-630A Datasheet HTML 5Page - Winbond W83194R-630A Datasheet HTML 6Page - Winbond W83194R-630A Datasheet HTML 7Page - Winbond W83194R-630A Datasheet HTML 8Page - Winbond W83194R-630A Datasheet HTML 9Page - Winbond W83194R-630A Datasheet HTML 10Page - Winbond W83194R-630A Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
W83194R-630A
PRELIMINARY
Publication Release Date: Nov. 1999
- 11 -
Revision 0.65
11. PACKAGE DRAWING AND DIMENSIONS
Headquarters
No. 4, Creation Rd. III
Science-Based Industrial Park
Hsinchu, Taiwan
TEL: 886-35-770066
FAX: 886-35-789467
www: http://www.winbond.com.tw/
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd.
Taipei, Taiwan
TEL: 886-2-7190505
FAX: 886-2-7197502
TLX: 16485 WINTPE
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II
123 Hoi Bun Rd., Kwun Tong
Kowloon, Hong Kong
TEL: 852-27516023-7
FAX: 852-27552064
Winbond Electronics
(North America) Corp.
2730 Orchard Parkway
San Jose, CA 95134 U.S.A.
TEL: 1-408-9436666
FAX: 1-408-9436668
Please note that all data and specifications are subject to change without
notice. All the trade marks of products and companies mentioned in this data
sheet belong to their respective owners.
These products are not designed for use in life support appliances, devices,
or systems where malfunction of these products can reasonably be expected
to result in personal injury.
Winbond customers using or selling these
products for use in such applications do so at their own risk and agree to fully
indemnify Winbond for any damages resulting from such improper use or sale.


Similar Part No. - W83194R-630A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-630A WINBOND-W83194R-630A Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
More results

Similar Description - W83194R-630A

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com