Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1311KV18-250BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1311KV18-250BZC
Description  18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1311KV18-250BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1311KV18-250BZC_12 Datasheet HTML 1Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY7C1311KV18, CY7C1911KV18
CY7C1313KV18, CY7C1315KV18
18-Mbit QDR® II SRAM
Four-Word Burst Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-58904 Rev. *E
Revised November 23, 2012
18-Mbit QDR® II SRAM Four-Word Burst Architecture
Features
Separate independent read and write data ports
Supports concurrent transactions
333-MHz clock for high bandwidth
Four-word burst for reducing address bus frequency
Double data rate (DDR) interfaces on both read and write ports
(data transferred at 666 MHz) at 333 MHz
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Two Input Clocks for Output Data (C and C) to minimize Clock
skew and flight time mismatches
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Single multiplexed address input bus latches address inputs
for read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR® II operates with 1.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to QDR I device with 1 cycle read latency when
DOFF is asserted LOW
Available in × 8, × 9, × 18, and × 36 configurations
Full data coherency, providing most current data
Core VDD = 1.8 V (±0.1 V); I/O VDDQ = 1.4 V to VDD
Supports both 1.5 V and 1.8 V I/O supply
Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
Offered in both Pb-free and non Pb-free packages
Variable drive HSTL output buffers
JTAG 1149.1 compatible test access port
PLL for accurate data placement
Configurations
CY7C1311KV18 – 2 M × 8
CY7C1911KV18 – 2 M × 9
CY7C1313KV18 – 1 M × 18
CY7C1315KV18 – 512 K × 36
Functional Description
The CY7C1311KV18, CY7C1911KV18, CY7C1313KV18, and
CY7C1315KV18 are 1.8 V Synchronous Pipelined SRAMs,
equipped with QDR II architecture. QDR II architecture consists
of two separate ports: the read port and the write port to access
the memory array. The read port has dedicated data outputs to
support read operations and the write port has dedicated data
inputs to support write operations. QDR II architecture has
separate data inputs and data outputs to completely eliminate
the need to ‘turnaround’ the data bus that exists with common
I/O devices. Each port can be accessed through a common
address bus. Addresses for read and write addresses are
latched on alternate rising edges of the input (K) clock. Accesses
to the QDR II read and write ports are independent of one
another. To maximize data throughput, both read and write ports
are equipped with DDR interfaces. Each address location is
associated with four 8-bit words (CY7C1311KV18), 9-bit words
(CY7C1911KV18), 18-bit words (CY7C1313KV18), or 36-bit
words (CY7C1315KV18) that burst sequentially into or out of the
device. Because data can be transferred into and out of the
device on every rising edge of both input clocks (K and K and C
and C), memory bandwidth is maximized while simplifying
system design by eliminating bus ‘turnarounds’.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
333 MHz
300 MHz
250 MHz
Unit
Maximum operating frequency
333
300
250
MHz
Maximum operating current
× 8
Not Offered Not Offered
430
mA
× 9
520
490
430
× 18
530
500
440
× 36
730
670
590


Similar Part No. - CY7C1311KV18-250BZC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1311KV18-250BZC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1613KV18 CYPRESS-CY7C1613KV18 Datasheet
867Kb / 32P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com