Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1311KV18-250BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1311KV18-250BZC
Description  18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1311KV18-250BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1311KV18-250BZC_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 10Page - Cypress Semiconductor CY7C1311KV18-250BZC_12 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C1311KV18, CY7C1911KV18
CY7C1313KV18, CY7C1315KV18
Document Number: 001-58904 Rev. *E
Page 7 of 32
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks when valid write operations are active.
CY7C1311KV18
 D[7:0]
CY7C1911KV18
 D[8:0]
CY7C1313KV18
 D[17:0]
CY7C1315KV18
 D[35:0]
WPS
Input-
synchronous
Write Port Select
 Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1
Input-
synchronous
Nibble Write Select 0, 1
 Active LOW (CY7C1311KV18 only). Sampled on the rising edge of the K
and K clocks when write operations are active. Used to select which nibble is written into the device
during the current portion of the write operations. NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
synchronous
Byte Write Select 0, 1, 2, and 3
 Active LOW. Sampled on the rising edge of the K and K clocks when
write operations are active. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1911KV18
BWS0 controls D[8:0]
CY7C1313KV18
 BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1315KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9],
BWS2 controls D[26:18] and BWS3 controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations.
These address inputs are multiplexed for both read and write operations. Internally, the device is
organized as 2 M × 8 (4 arrays each of 512 K × 8) for CY7C1311KV18, 2 M × 9 (4 arrays each of
512 K × 9) for CY7C1911KV18, 1 M × 18 (4 arrays each of 256 K × 18) for CY7C1313KV18 and
512 K × 36 (4 arrays each of 128 K × 36) for CY7C1315KV18. Therefore, only 19 address inputs are
needed to access the entire memory array of CY7C1311KV18 and CY7C1911KV18, 18 address inputs
for CY7C1313KV18 and 17 address inputs for CY7C1315KV18. These inputs are ignored when the
appropriate port is deselected.
Q[x:0]
Outputs-
synchronous
Data Output Signals. These pins drive out the requested data when the read operation is active. Valid
data is driven out on the rising edge of the C and C clocks during read operations, or K and K when in
single clock mode. On deselecting the read port, Q[x:0] are automatically tristated.
CY7C1311KV18
 Q[7:0]
CY7C1911KV18
 Q[8:0]
CY7C1313KV18
 Q[17:0]
CY7C1315KV18
 Q[35:0]
RPS
Input-
synchronous
Read Port Select
 Active LOW. Sampled on the rising edge of positive input clock (K). When active,
a read operation is initiated. Deasserting deselects the read port. When deselected, the pending access
is allowed to complete and the output drivers are automatically tristated following the next rising edge of
the C clock. Each read access consists of a burst of four sequential transfers.
C
Input clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board
back to the controller. See Application Example on page 10 for further details.
C
Input clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board
back to the controller. See Application Example on page 10 for further details.
K
Input clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device
and to drive out data through Q[x:0] when in single clock mode.


Similar Part No. - CY7C1311KV18-250BZC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1311KV18-250BZC_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1613KV18 CYPRESS-CY7C1613KV18 Datasheet
867Kb / 32P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com